Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

466511 Datasheet(PDF) 13 Page - Amphenol Aerospace Operations

Part # 466511
Description  MIL-DTL-38999, Series II JT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

466511 Datasheet(HTML) 13 Page - Amphenol Aerospace Operations

Back Button 466511 Datasheet HTML 9Page - Amphenol Aerospace Operations 466511 Datasheet HTML 10Page - Amphenol Aerospace Operations 466511 Datasheet HTML 11Page - Amphenol Aerospace Operations 466511 Datasheet HTML 12Page - Amphenol Aerospace Operations 466511 Datasheet HTML 13Page - Amphenol Aerospace Operations 466511 Datasheet HTML 14Page - Amphenol Aerospace Operations 466511 Datasheet HTML 15Page - Amphenol Aerospace Operations 466511 Datasheet HTML 16Page - Amphenol Aerospace Operations 466511 Datasheet HTML 17Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
73
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
HD
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
pCB
Accessories
Aquacon
Herm/Seal
Amphenol
Aerospace
Q
KK 1
1
F
.325 ±.025
.257
+.003
–.002
L
.325 ±.025
.257
+.003
–.002
L
KK
2
2
.325 ±.025
F
KK
L1
.257
+.003
–.002
L
.325 ±.025
.257
+.003
–.002
3
* JT06RE-XX-XXX (SR)
** JTS06RE-XX-XXX (SR)
***JTN06RE-XX-XXX(SR)
* JT06RE-XX-XXX (MS27473E)
** JTS06RE-XX-XXX
***JTN06RE-XX-XXX
* JT06RP-XX-XXX (MS27473P)
** JTS06RP-XX-XXX
***JTN06RP-XX-XXX
* JT06RT-XX-XXX (MS27473T)
** JTS06RT-XX-XXX
***JTN06RT-XX-XXX
* Standard Junior Tri-Lock
** High temperature version
*** Clear iridite finish (gold color), N
2O4 resistant
All dimensions for reference only.
JT06R (MS27473) Series II – Crimp
Straight Plug
Shell
Size F Dia.
F1 Dia.
+.001
–.025
L
Max.
L1
Max.
L2
Max.
L3
Max.
Q Dia
Max.
V Thread Modified
KK Dia.
Max.
KK1
Max.
KK2
Dia.
Max.
Class 2A
UNEF
Modified Major
Dia.
8
.444
.125
1.562
1.000
.938
.891
.734
.4375-28
.421 – .417
.625
.812
.578
10
.558
.188
1.562
1.000
.938
.891
.844
.5625-24
.542 – .538
.750
.875
.703
12
.683
.312
1.562
1.000
.938
.891
1.016
.6875-24
.667 – .663
.875
1.000
.828
14
.808
.375
1.812
1.000
.938
.891
1.141
.8125-20
.791 – .787
1.000
1.125
.953
16
.909
.500
1.812
1.000
.938
.891
1.265
.9375-20
.916 – .912
1.125
1.188
1.078
18
1.034
.625
1.812
1.000
.938
.891
1.391
1.0625-18
1.034 – 1.030
1.250
1.438
1.203
20
1.159
.625
1.812
1.000
.938
.891
1.500
1.1875-18
1.158 – 1.154
1.375
1.438
1.328
22
1.284
.750
1.938
1.000
.938
.891
1.625
1.3125-18
1.283 – 1.279
1.500
1.625
1.453
24
1.409
.800
1.938
1.062
.938
.891
1.750
1.4375-18
1.408 – 1.404
1.625
1.719
1.578
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
JT/JTS/JTN
06
RE
22-2
P
A
(XXX)
Part number reference. To complete,
see how to order pages 62-66.
PART #
MS
Number
Service
Class
Shell
Size
Finish
Insert
Arrg
Contact Style
(P or S)
Alternate
Position
MS27473
E
14
A
18
P
A
Military
Commercial


Similar Part No. - 466511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4665 ETC2-4665 Datasheet
589Kb / 1P
   TRANSISTOR MICA INSULATORS
logo
Amphenol Corporation
46650-51 AMPHENOL-46650-51 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-51RFX AMPHENOL-46650-51RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-75RFX AMPHENOL-46650-75RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-93RFX AMPHENOL-46650-93RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results

Similar Description - 466511

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
   MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
   MIL-DTL-38999 Series I
logo
Amphenol Corporation
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com