Electronic Components Datasheet Search |
|
466511 Datasheet(PDF) 12 Page - Amphenol Aerospace Operations |
|
|
466511 Datasheet(HTML) 12 Page - Amphenol Aerospace Operations |
12 / 37 page 72 Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com Dualok III SJT 38999 PCB HD I II Aquacon Accessories Herm/Seal Fiber Optics Contacts Connectors Cables HigH Speed Amphenol Aerospace * JTP02RE-XX-XXX (MS27508E) ** JTPS02RE-XX-XXX ***JTPN02RE-XX-XXX * Standard Junior Tri-Lock ** High temperature version *** Clear iridite finish (gold color), N 2O4 resistant S R (TP) R (TP) S T (4 HOLES) 44 P L JTP02R (MS27508) Series II – Crimp Box Mounting Receptacle Back Panel Mounting Shell Size L Max. N +.001 –.005 P Max. Panel Thickness R (TP) S ±.016 T Dia. ±.005 AD Dia. ±.005 KK Dia. Max. 8 .225 .473 .147 .594 .812 .120 .516 .531 10 .225 .590 .152 .719 .938 .120 .633 .656 12 .225 .750 .152 .812 1.031 .120 .802 .828 14 .225 .875 .152 .906 1.125 .120 .927 .953 16 .225 1.000 .152 .969 1.219 .120 1.052 1.078 18 .225 1.125 .152 1.062 1.312 .120 1.177 1.203 20 .225 1.250 .179 1.156 1.438 .120 1.302 1.328 22 .225 1.375 .179 1.250 1.562 .120 1.427 1.453 24 .225 1.500 .169 1.375 1.688 .147 1.552 1.578 Connector Type Shell Style Service Class Shell Size & Insert Arrg Contact Type Alternate Position Special Variations JT/JTPS/JTPN 02 RE 22-2 P A (XXX) Part number reference. To complete, see how to order pages 62-66. PART # MS Number Service Class Shell Size Finish Insert Arrg Contact Style (P or S) Alternate Position MS27508 E 14 A 18 P A Military Commercial .005 DIA M |
Similar Part No. - 466511 |
|
Similar Description - 466511 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |