Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

466511 Datasheet(PDF) 10 Page - Amphenol Aerospace Operations

Part # 466511
Description  MIL-DTL-38999, Series II JT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

466511 Datasheet(HTML) 10 Page - Amphenol Aerospace Operations

Back Button 466511 Datasheet HTML 6Page - Amphenol Aerospace Operations 466511 Datasheet HTML 7Page - Amphenol Aerospace Operations 466511 Datasheet HTML 8Page - Amphenol Aerospace Operations 466511 Datasheet HTML 9Page - Amphenol Aerospace Operations 466511 Datasheet HTML 10Page - Amphenol Aerospace Operations 466511 Datasheet HTML 11Page - Amphenol Aerospace Operations 466511 Datasheet HTML 12Page - Amphenol Aerospace Operations 466511 Datasheet HTML 13Page - Amphenol Aerospace Operations 466511 Datasheet HTML 14Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
70
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Aquacon
Accessories
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Amphenol
Aerospace
C
S
S
* JT01RT-XX-XXX
** JTS01RT-XX-XXX
*** JTN01RT-XX-XXX
* JT01RE-XX-XXX
** JTS01RE-XX-XXX
*** JTN01RE-XX-XXX
* JT01RP-XX-XXX
** JTS01RP-XX-XXX
*** JTN01RP-XX-XXX
* JT01RE-XX-XXX (SR)
** JTS01RE-XX-XXX (SR)
*** JTN01RE-XX-XXX (SR)
* Standard Junior Tri-Lock
** High temperature version
*** Clear iridite finish (gold color), N
2O4 resistant
All dimensions for reference only.
JT01R Series II – Crimp
Line Receptacle
Shell
Size
C Max.
F Dia.
+.010
F1 Dia.
+.010
–.025 L Max.
L1
Max.
N Dia.
+.001
–.005
S +.017
–.016
V Thread
UNEF Class
2A (Plated)
KK
Dia. Max.
KK1 Dia.
Max.
KK2 Max.
8
.965
.444
.125
1.031
1.562
.473
.812
.4375-28
.578
.625
.812
10
1.089
.558
.188
1.031
1.562
.590
.938
.5625-24
.703
.750
.875
12
1.183
.683
.312
1.031
1.562
.750
1.031
.6875-24
.828
.875
1.000
14
1.277
.808
.375
1.031
1.812
.875
1.125
.8125-20
.953
1.000
1.125
16
1.371
.909
.500
1.031
1.812
1.000
1.219
.9375-20
1.078
1.125
1.188
18
1.465
1.034
.625
1.031
1.812
1.125
1.312
1.0625-18
1.203
1.250
1.438
20
1.589
1.159
.625
1.031
1.812
1.250
1.438
1.1875-18
1.328
1.375
1.438
22
1.715
1.284
.750
1.031
1.938
1.375
1.562
1.3125-18
1.453
1.500
1.625
24
1.838
1.409
.800
1.109
1.938
1.500
1.688
1.4375-18
1.578
1.625
1.719
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
JT/JTS/JTN
01
RT
22-2
P
A
(XXX)
Part number reference. To complete,
see how to order pages 62-66.
PART #
Commercial


Similar Part No. - 466511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4665 ETC2-4665 Datasheet
589Kb / 1P
   TRANSISTOR MICA INSULATORS
logo
Amphenol Corporation
46650-51 AMPHENOL-46650-51 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-51RFX AMPHENOL-46650-51RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-75RFX AMPHENOL-46650-75RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-93RFX AMPHENOL-46650-93RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results

Similar Description - 466511

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
   MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
   MIL-DTL-38999 Series I
logo
Amphenol Corporation
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com