![]() |
Electronic Components Datasheet Search |
|
466511 Datasheet(PDF) 5 Page - Amphenol Aerospace Operations |
|
|
466511 Datasheet(HTML) 5 Page - Amphenol Aerospace Operations |
5 / 37 page ![]() 65 Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com II Dualok III SJT 38999 I HD Fiber Optics Contacts Connectors Cables HigH Speed pCB Accessories Aquacon Herm/Seal Amphenol Aerospace MIL-DTL-38999 MS27472 Crimp Wall Mount Receptacle MS27497 Crimp Wall Mount Receptacle (Back Panel Mounting) MS27499 Crimp Box Mounting Receptacle MS27513 Crimp Box Mounting Receptacle with grommet MS27508 Crimp Box Mounting Receptacle (Back Panel Mounting) MS27473 Crimp Straight Plug MS27484 Crimp Straight Plug with Grounding Fingers MS27474 Crimp Jam Nut Receptacle MS27500 Crimp 90° plug MS27475 Hermetic Wall Mounting Receptacle MS27476 Hermetic Box Mounting Receptacle MS27477 Hermetic Jam Nut Receptacle MS27478 Hermetic Solder Mounting Receptacle MIL-DTL-27599 MS27334 Solder Wall Mount Receptacle MS27335 Solder Box Mounting Receptacle MS27336 Solder Straight Plug MS27337 Solder Jam Mounting Receptacle MIL-DTL-38999 MS27466 Crimp Wall Mount Receptacle MS27656 Crimp Wall Mount Receptacle (Back Panel Mounting) MS27496 Crimp Box Mounting Receptacle MS27505 Crimp Box Mounting Receptacle (Back Panel Mounting) MS27467 Crimp Straight Plug MS27468 Crimp Jam Nut Receptacle MS27469 Hermetic Wall Mounting Receptacle MS27470 Hermetic Jam Nut Receptacle MS27471 Hermetic Solder Mounting Receptacle MIL-DTL-27599 MS20026 Solder Wall Mounting Receptacle MS20027 Solder Line Receptacle MS20028 Solder Straight Plug MS20029 Solder Jam Nut Receptacle MS Number Service Class Shell Size Finish Insert Arrangement Contact Style (P or S) Alternate Keying Position MS27473 E 14 A 18 P A Easy Steps to build a Military part number... Series I and II 1. 2. 3. 4. 5. 6. 7. Step 1. Choose your Military Connector Type Military 1. 2. 3. 4. 5. 6. 7. MS Number Service Class Shell Size Finish Insert Arrangement Contact Style (P or S) Alternate Position MS27473 Series II JT Series I LJT Step 2. Select a Military Service Class Military Service Class E Environmental crimp applications. Supplied with a grommet and compression nut.† Can be supplied with strain relief integral with compression nut “RE(SR)”. (JT Series only). Box Mount versions using spacer grommets are not environmental. P Potting crimp applications. Supplied with spacer grommet and potting boot.†† T Environmental applications. Supplied without rear accessories. Design provides serrations on rear threads of shells. (Not applicable to solder type or hermetics) Y Hermetically interfacial seal 1. 2. 3. 4. 5. 6. 7. MS Number Service Class Shell Size Finish Insert Arrangement Contact Style (P or S) Alternate Position E MIL-DTL-38999/ 27599, Series II JT MIL-DTL-38999/ 27599, Series I LJT How to Order (Military) † Not applicable to box mounting style or LJT Series I. †† Not applicable to box mounting style. |
Similar Part No. - 466511 |
|
Similar Description - 466511 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |