Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

466511 Datasheet(PDF) 4 Page - Amphenol Aerospace Operations

Part # 466511
Description  MIL-DTL-38999, Series II JT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

466511 Datasheet(HTML) 4 Page - Amphenol Aerospace Operations

  466511 Datasheet HTML 1Page - Amphenol Aerospace Operations 466511 Datasheet HTML 2Page - Amphenol Aerospace Operations 466511 Datasheet HTML 3Page - Amphenol Aerospace Operations 466511 Datasheet HTML 4Page - Amphenol Aerospace Operations 466511 Datasheet HTML 5Page - Amphenol Aerospace Operations 466511 Datasheet HTML 6Page - Amphenol Aerospace Operations 466511 Datasheet HTML 7Page - Amphenol Aerospace Operations 466511 Datasheet HTML 8Page - Amphenol Aerospace Operations 466511 Datasheet HTML 9Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
64
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Aquacon
Accessories
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Amphenol
Aerospace
ROTATION
LETTERS
NORMAL
B
A
D C
AB
5° LJT REF
RELATIVE POSSIBLE POSITION
OF ROTATED MASTER KEYWAY
(front face of receptacle shown)
ROTATION
LETTERS
NORMAL
B
A
D C
AB
10˚ JT REF
RELATIVE POSSIBLE POSITION
OF ROTATED MASTER KEYWAY
(front face of receptacle shown)
A”designates Alternate keying
connector assembly. Other basic
alternate keys are “
B”,“C”and“D”.
No letter required for normal rotation
(no rotation) position.
A plug with a given rotation letter
will mate with a receptacle with the
same rotation letter. The AB angle
for a given connector is the same
whether it contains pins or sockets.
Only the master key/keyway rotates
in the shell, and the minor keys are
fixed.
AB angles shown are viewed from
the front face of the connector, a
receptacle is shown below. The
angles for the plug are exactly the
same except the direction of rotation
is opposite of that shown for the
receptacle.
The “N” designation is not referenced in
part number, it is omitted.
Step 6. Select an
Alternate Keying Position
ConnectorType
Shell Style
Service Class
Shell Size
Insert Arrg.
Contact Type
Alternate
Position
Special
Variations
A
1.
2.
3.
4.
5.
6.
7.
Step 7. Select a Strain
Relief Option or Finish
Variation Suffix
Connector
Type
Shell Style
Service Class
Shell Size-
Insert Arrg.
Contact Type
Alternate
Position
Special
Variations
( )
1.
2.
3.
4.
5.
6.
7.
Strain Relief Options: “SR” designates a strain
relief clamp. Strain reliefs are available only on
Service Class “A”, “C” and “RE” (see step 3.
Service Class)
Finish Variation Suffix: See finish variations
available in table to your right.
Finish
Military
Finish Data
Finish
Suffix
Finish Plus
“SR” Suffix
Cadmium plated nickel base
175°C
A
(SR)
Olive drab cadmium plate
nickel base 175°C
B
(014)
(386)
Electroless nickel 200°C
F
(023)
(424)
Electroless nickel, space
compatible 200°C
(453)
(467)
Anodic coating (Alumilite)
200°C
C
(005)
(300)
Chromate treated (Iridite
14-2) 125°C
(011)
(344)
Passivated steel 200°C
E
-
-
Nickel-PTFE 175°C
(038)
AB ANGLE OF ROTATION (Degrees)
Shell Size Normal
A
B
C
D
9
95°
77°
-
-
113°
11
95°
81°
67°
123°
109°
13
95°
75°
63°
127°
115°
15
95°
74°
61°
129°
116°
17
95°
77°
65°
125°
113°
19
95°
77°
65°
125°
113°
21
95°
77°
65°
125°
113°
23
95°
80°
69°
121°
110°
25
95°
80°
69°
121°
110°
LJT Key/Keyway Rotation
AB ANGLE OF ROTATION (Degrees)
Shell Size Normal
A
B
C
D
8
100°
82°
-
-
118°
10
100°
86°
72°
128°
114°
12
100°
80°
68°
132°
120°
14
100°
79°
66°
134°
121°
16
100°
82°
70°
130°
118°
18
100°
82°
70°
130°
118°
20
100°
82°
70°
130°
118°
22
100°
85°
74°
126°
115°
24
100°
85°
74°
126°
115°
JT Key/Keyway Rotation
MIL-DTL-38999/ 27599, Series II JT
MIL-DTL-38999/ 27599, Series I LJT
How to Order (Commercial)


Similar Part No. - 466511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4665 ETC2-4665 Datasheet
589Kb / 1P
   TRANSISTOR MICA INSULATORS
logo
Amphenol Corporation
46650-51 AMPHENOL-46650-51 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-51RFX AMPHENOL-46650-51RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-75RFX AMPHENOL-46650-75RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-93RFX AMPHENOL-46650-93RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results

Similar Description - 466511

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
   MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
   MIL-DTL-38999 Series I
logo
Amphenol Corporation
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com