Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

466511 Datasheet(PDF) 36 Page - Amphenol Aerospace Operations

Part # 466511
Description  MIL-DTL-38999, Series II JT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

466511 Datasheet(HTML) 36 Page - Amphenol Aerospace Operations

Back Button 466511 Datasheet HTML 29Page - Amphenol Aerospace Operations 466511 Datasheet HTML 30Page - Amphenol Aerospace Operations 466511 Datasheet HTML 31Page - Amphenol Aerospace Operations 466511 Datasheet HTML 32Page - Amphenol Aerospace Operations 466511 Datasheet HTML 33Page - Amphenol Aerospace Operations 466511 Datasheet HTML 34Page - Amphenol Aerospace Operations 466511 Datasheet HTML 35Page - Amphenol Aerospace Operations 466511 Datasheet HTML 36Page - Amphenol Aerospace Operations 466511 Datasheet HTML 37Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
96
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Aquacon
Accessories
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Amphenol
Aerospace
Series I, LJT Breakaway Fail Safe
Quick-Disconnect with Axial Pull of Lanyard
Amphenol LJT Breakaway Fail Safe Connectors provide
unequaled performance in environments requiring
instant disengagement.
Designed to provide quick disconnect of a connector plug and
receptacle with an axial pull on the lanyard, the “Breakaway”
Fail Safe connector family offers a wide range of electrical and
mechanical features:
• Instant decoupling and damage free separation
• Completely intermateable with standard LJT receptacles
• Inventory support commonality through the use of standard
insert arrangements and contacts
Breakaway un-mating is initiated by applying a pull force to the lan-
yard which causes the operating sleeve on the plug to move away
from the receptacle. Coupling segments on the plug then move
away from the mating receptacle while expanding, thus releasing the
receptacle. After completion of the un-mating sequence, spring com-
pression returns the sleeve and segments to their original positions.
Un-mating of the plug may also be accomplished by normal rotation
of the coupling ring without affecting the breakaway capability.
* To complete order number see page 95.
All dimensions for reference only.
Shell
Size
A Dia.
Max.
B Max.
D Max.
Accessory
Dia.
L Max.
V Thread
UNEF
Class 2A
(Plated)
11
1.393
1.797
.740
1.703
.5625-24
13
1.558
1.969
.926
1.703
.6875-24
15
1.669
2.078
1.051
1.703
.8125-20
17
1.797
2.203
1.176
1.703
.9375-20
19
1.926
2.323
1.300
1.703
1.0625-18
21
2.054
2.469
1.426
1.703
1.1875-18
23
2.183
2.594
1.551
1.703
1.3125-18
25
2.293
2.703
1.676
1.766
1.4375-18
The LJT Breakaway Fail Safe connector features which
provide EMI EMP shielding in excess of MIL-DTL-38999
Series I requirements:
• Solid metal-to-metal coupling
• EMI grounding fingers
• Conductive finishes
Contact Amphenol Aerospace for more information on breakaway,
quick-disconnect connectors. Other Amphenol cylindrical families
(MIL-DTL-38999 Series III, MIL-DTL-26482, MIL-DTL-83723) also
offer breakaway quick-disconnect connectors.
In addition to standard Breakaway connectors,
Amphenol also manufactures custom breakaway
connectors including those with:
• Increased pull-force capability
• Custom lanyard lengths and backshells
• Low force separation capabilities
• Low insertion/separation force contacts
• Non-cadmium finishes
• Custom JT Series Breakaway designs have
been developed for special applications;
however the LJT Series is
recommended over the JT Series for the
quick-disconnect breakaway style.
LJT Fail Safe 88-5388/91-5388
(MS27661)
Lanyard Release Plug
B
A
V
D
L
OUTER SLEEVE
MOVEMENT
DURING MATING
.275 MAX.
LANYARD
PULLED TAUT
AGAINST A
.500 ±.031
DIA. MANDREL
MS LANYARD LENGTH
6.250 STD.
FOR PROPRIETARY LANYARD LENGTH
SEE LANYARD LENGTH TABLE
.575
+.007
–.003
SOCKET INSERT
.019
+.012
–.003
PIN INSERT
.594
+.003
–.002
LJT Breakaway Fail Safe
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
88/91
5388
T
22-2
P
A
(XXX)
Part number reference. To complete,
see how to order pages 95.
PART #
MS
Number
Service
Class
Shell
Size
Finish
Insert
Arrg
Contact Style
(P or S)
Alternate
Position
MS27661
T
14
A
18
P
A
Military
Commercial


Similar Part No. - 466511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4665 ETC2-4665 Datasheet
589Kb / 1P
TRANSISTOR MICA INSULATORS
logo
Amphenol Corporation
46650-51 AMPHENOL-46650-51 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
46650-51RFX AMPHENOL-46650-51RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
46650-75RFX AMPHENOL-46650-75RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
46650-93RFX AMPHENOL-46650-93RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
More results

Similar Description - 466511

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
MIL-DTL-38999 Series I
logo
Amphenol Corporation
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com