Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

466511 Datasheet(PDF) 32 Page - Amphenol Aerospace Operations

Part # 466511
Description  MIL-DTL-38999, Series II JT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

466511 Datasheet(HTML) 32 Page - Amphenol Aerospace Operations

Back Button 466511 Datasheet HTML 28Page - Amphenol Aerospace Operations 466511 Datasheet HTML 29Page - Amphenol Aerospace Operations 466511 Datasheet HTML 30Page - Amphenol Aerospace Operations 466511 Datasheet HTML 31Page - Amphenol Aerospace Operations 466511 Datasheet HTML 32Page - Amphenol Aerospace Operations 466511 Datasheet HTML 33Page - Amphenol Aerospace Operations 466511 Datasheet HTML 34Page - Amphenol Aerospace Operations 466511 Datasheet HTML 35Page - Amphenol Aerospace Operations 466511 Datasheet HTML 36Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
92
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Aquacon
Accessories
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Amphenol
Aerospace
NOTE: For availability of back panel mounting types, check with nearest sales office or call Amphenol Aerospace.
Shell
Size
F
Dia.
L
Max.
M
+.000
–.005
N
+.001
–.005
R
(TP)
S
±.016
T
Dia.
±.005
V Thread
Class 2A
UNEF (Plated)
KK
Dia.
Max.
9
.327
.625
.632
.572
.719
.938
.128
.4375-28
.608
11
.444
.625
.632
.700
.812
1.031
.128
.5625-24
.734
13
.558
.625
.632
.850
.906
1.125
.128
.6875-24
.858
15
.683
.625
.632
.975
.969
1.219
.128
.8125-20
.984
17
.808
.625
.632
1.100
1.062
1.312
.128
.9375-20
1.110
19
.909
.625
.632
1.207
1.156
1.438
.128
1.0625-18
1.234
21
1.034
.703
.602
1.332
1.250
1.562
.128
1.1875-18
1.360
23
1.159
.703
.602
1.457
1.375
1.688
.147
1.3125-18
1.484
25
1.284
.703
.602
1.582
1.500
1.812
.147
1.4375-18
1.610
LJT00T-XX-XXX (MS20026T)
LJT00 (MS20026) Series I – Solder
Wall Mounting Receptacle
LJT01 (MS20027) Series I
– Solder
Line Receptacle
LJT01P-XX-XXX
LJT01T-XX-XXX (MS20027T)
Military qualified to MIL-DTL-27599
Military qualified to MIL-DTL-27599
Military
+ .005DIA M
LJT00P-XX-XXX
Shell
Size
C
Max.
F
Dia.
L
Max.
M
+.000
–.005
N
+.001
–.005
S
±.016
V Thread
Class 2A
UNEF (Plated)
KK
Dia.
Max.
9
1.094
.327
.625
.632
.572
.938
.4375-28
.608
11
1.188
.444
.625
.632
.700
1.031
.5625-24
.734
13
1.281
.558
.625
.632
.850
1.125
.6875-24
.858
15
1.375
.683
.625
.632
.975
1.219
.8125-20
.984
17
1.469
.808
.625
.632
1.100
1.312
.9375-20
1.110
19
1.594
.909
.625
.632
1.207
1.438
1.0625-18
1.234
21
1.719
1.034
.703
.602
1.332
1.562
1.1875-18
1.360
23
1.844
1.159
.703
.602
1.457
1.688
1.3125-18
1.484
25
1.969
1.284
.703
.602
1.582
1.812
1.4375-18
1.610
All dimensions for reference only.
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
LJT
00
P
22-2
P
A
(XXX)
Part number reference. To complete,
see how to order pages 62-66.
MS
Number
Service
Class
Shell
Size
Finish
Insert
Arrg
Contact Style
(P or S)
Alternate
Position
MS20026
T
14
A
18
P
A
MS20027
T
14
A
18
P
A
PART #
Commercial


Similar Part No. - 466511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4665 ETC2-4665 Datasheet
589Kb / 1P
   TRANSISTOR MICA INSULATORS
logo
Amphenol Corporation
46650-51 AMPHENOL-46650-51 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-51RFX AMPHENOL-46650-51RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-75RFX AMPHENOL-46650-75RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-93RFX AMPHENOL-46650-93RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results

Similar Description - 466511

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
   MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
   MIL-DTL-38999 Series I
logo
Amphenol Corporation
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com