Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

466511 Datasheet(PDF) 3 Page - Amphenol Aerospace Operations

Part # 466511
Description  MIL-DTL-38999, Series II JT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

466511 Datasheet(HTML) 3 Page - Amphenol Aerospace Operations

  466511 Datasheet HTML 1Page - Amphenol Aerospace Operations 466511 Datasheet HTML 2Page - Amphenol Aerospace Operations 466511 Datasheet HTML 3Page - Amphenol Aerospace Operations 466511 Datasheet HTML 4Page - Amphenol Aerospace Operations 466511 Datasheet HTML 5Page - Amphenol Aerospace Operations 466511 Datasheet HTML 6Page - Amphenol Aerospace Operations 466511 Datasheet HTML 7Page - Amphenol Aerospace Operations 466511 Datasheet HTML 8Page - Amphenol Aerospace Operations 466511 Datasheet HTML 9Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
63
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
HD
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
pCB
Accessories
Aquacon
Herm/Seal
Amphenol
Aerospace
Step 3. Select a Service Class
JT
JTS
JTN
JTG
JTNG
LJTS
LJT
Solder Contacts/Connectors
P
P
P
Potting applications: These connectors are supplied with a potting boot. All shells
are designed with integral features to retain potting boots.
A
A
A
General Applications (JT only molded in solder type contacts)
A (SR)
Threaded rear design with strain relief†
C
C
Pressurized applications
C (SR)
Threaded rear design with strain relief.†
H
H
H
Hermetic applications- Fused compression glass sealed inserts. Leakage rate less
than .01 micron cu. ft./hr. (1 x 10-7 cc/sec.) at 15 psi differential.
Y
Y
Y
Y
Same as “H” with interfacial seal.
T
T
MIL-DTL-27599 applications-general duty, pressurized (receptacle only) (LJT only
molded in solder type contacts)
JT
JTN
JTG
JTNG
JTPQ
LJT
JTPQ
LJTPQ
JTS
JTLS
JTL
JTLN
LJTP
LJTS
JTPS
LJTPS
Crimp Contacts/Connectors
RP
RP
RP
RP
Potting crimp applications. Supplied with spacer grommet and potting boot.††
RE
RE
RE
RE
RE
RE
Environmental crimp applications. Supplied with a grommet and compression nut.†
Can be supplied with strain relief integral with compression nut “RE(SR)”.
RT
RT
RT
RT
RT
Environmental applications. Supplied without rear accessories. Design provides
serrations on rear threads of shells.
Connector
Type
Shell Style
Service
Class
Shell Size-
Insert Arrg.
Contact Type
Alternate
Position
Special
Variations
RX
1.
2.
3.
4.
5.
6.
7.
Step 4. Select a Shell Size &
Insert Arrangement see page 6-9
Connector
Type
Shell Style
Service Class
Shell Size-
Insert Arrg.
Contact Type
Alternate
Position
Special
Variations
22-2
1.
2.
3.
4.
5.
6.
7.
Step 5. Select a Contact Type
Designates
P
Pin Contacts
S
Socket Contacts
Connector
Type
Shell Style
Service Class
Shell Size-
Insert Arrg.
Contact
Type
Alternate
Position
Special
Variations
P
1.
2.
3.
4.
5.
6.
7.
MIL-DTL-38999/ 27599, Series II JT
MIL-DTL-38999/ 27599, Series I LJT
First number represents Shell Size,
second number is the Insert Arrangement.
† Not applicable to box mounting style or LJT Series I.
†† Not applicable to box mounting style.
How to Order (Commercial)


Similar Part No. - 466511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4665 ETC2-4665 Datasheet
589Kb / 1P
TRANSISTOR MICA INSULATORS
logo
Amphenol Corporation
46650-51 AMPHENOL-46650-51 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
46650-51RFX AMPHENOL-46650-51RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
46650-75RFX AMPHENOL-46650-75RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
46650-93RFX AMPHENOL-46650-93RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
More results

Similar Description - 466511

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
MIL-DTL-38999 Series I
logo
Amphenol Corporation
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com