Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

466511 Datasheet(PDF) 29 Page - Amphenol Aerospace Operations

Part # 466511
Description  MIL-DTL-38999, Series II JT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

466511 Datasheet(HTML) 29 Page - Amphenol Aerospace Operations

Back Button 466511 Datasheet HTML 25Page - Amphenol Aerospace Operations 466511 Datasheet HTML 26Page - Amphenol Aerospace Operations 466511 Datasheet HTML 27Page - Amphenol Aerospace Operations 466511 Datasheet HTML 28Page - Amphenol Aerospace Operations 466511 Datasheet HTML 29Page - Amphenol Aerospace Operations 466511 Datasheet HTML 30Page - Amphenol Aerospace Operations 466511 Datasheet HTML 31Page - Amphenol Aerospace Operations 466511 Datasheet HTML 32Page - Amphenol Aerospace Operations 466511 Datasheet HTML 33Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
89
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
HD
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
pCB
Accessories
Aquacon
Herm/Seal
Amphenol
Aerospace
VIEW D ENLARGED
FOR COAXIAL USE ONLY
.750 MAX.
.328 MAX.
RR
.915
.010
.062 MIN.
.125 MAX.
V
N
RR
L MAX.
FKK
C
H
S
T
A
N
A
±.005
PANEL THICKNESS
±.020
.915
.010
.062 MIN.
.125 MAX.
±.005
PANEL THICKNESS
±.020
D
LJT07RE-XX-XXX (MS27468E)
LJT07RT-XX-XXX (MS27468T)
LJT07RP-XX-XXX (MS27468P)
.059 Dia. Min. 3 lockwire holes.
Formed lockwire hole design (6 holes) is optional.
• “D” shaped mounting hole dimensions.
All dimensions for reference only.
LJT07R (MS27468) Series I – Crimp
Jam Nut Receptacle
Shell
Size
A•
+.000
–.010 C Max.
F Dia.
±.010
H Hex
+.017
–.016
L
Max.
N
+.001
–.005 S ±.016
T•
+.010
–.000
V Thread Class 2A
(Plated)
KK Dia.
Max.
RR Thread
Class 2A (Plated)
9
.669
1.199
.444
.875
.625
.572
1.062
.697
.4375-28 UNEF
.608
.6875-24 UNEF
11
.769
1.386
.558
1.000
.625
.700
1.250
.822
.5625-24 UNEF
.734
.8125-20 UNEF
13
.955
1.511
.683
1.188
.625
.850
1.375
1.007
.6875-24 UNEF
.858
1.0000-20 UNEF
15
1.084
1.636
.808
1.312
.625
.975
1.500
1.134
.8125-20 UNEF
.984
1.1250-18 UNEF
17
1.208
1.761
.909
1.438
.625
1.100
1.625
1.259
.9375-20 UNEF
1.110
1.2500-18 UNEF
19
1.333
1.949
1.034
1.562
.656
1.207
1.812
1.384
1.0625-18 UNEF
1.234
1.3750-18 UNEF
21
1.459
2.073
1.159
1.688
.750
1.332
1.938
1.507
1.1875-18 UNEF
1.360
1.5000-18 UNEF
23
1.580
2.199
1.284
1.812
.750
1.457
2.062
1.634
1.3125-18 UNEF
1.484
1.6250-18 UNEF
25
1.709
2.323
1.409
2.000
.750
1.582
2.188
1.759
1.4375-18 UNEF
1.610
1.7500-18 UNS
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
LJT
07
RE
22-2
P
A
(XXX)
Part number reference. To complete,
see how to order pages 62-66.
PART #
MS
Number
Service
Class
Shell
Size
Finish
Insert
Arrg
Contact Style
(P or S)
Alternate
Position
MS27498
E
14
A
18
P
A
Military
Commercial


Similar Part No. - 466511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4665 ETC2-4665 Datasheet
589Kb / 1P
TRANSISTOR MICA INSULATORS
logo
Amphenol Corporation
46650-51 AMPHENOL-46650-51 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
46650-51RFX AMPHENOL-46650-51RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
46650-75RFX AMPHENOL-46650-75RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
46650-93RFX AMPHENOL-46650-93RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
More results

Similar Description - 466511

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
MIL-DTL-38999 Series I
logo
Amphenol Corporation
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com