Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

466511 Datasheet(PDF) 21 Page - Amphenol Aerospace Operations

Part # 466511
Description  MIL-DTL-38999, Series II JT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

466511 Datasheet(HTML) 21 Page - Amphenol Aerospace Operations

Back Button 466511 Datasheet HTML 17Page - Amphenol Aerospace Operations 466511 Datasheet HTML 18Page - Amphenol Aerospace Operations 466511 Datasheet HTML 19Page - Amphenol Aerospace Operations 466511 Datasheet HTML 20Page - Amphenol Aerospace Operations 466511 Datasheet HTML 21Page - Amphenol Aerospace Operations 466511 Datasheet HTML 22Page - Amphenol Aerospace Operations 466511 Datasheet HTML 23Page - Amphenol Aerospace Operations 466511 Datasheet HTML 24Page - Amphenol Aerospace Operations 466511 Datasheet HTML 25Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
81
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
HD
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
pCB
Accessories
Aquacon
Herm/Seal
Amphenol
Aerospace
*
Standard Junior Tri-Lock
Shell
Size
F
Min.
F1
+.010
–.025
H
+.010
–.001
L
Max.
L1
Max.
L2
Max.
Q
Max.
V Thread Modified
KK
Max.
Size
Class 2A
Modified
Major Dia.
8
.312
.125
.635
.812
.625
1.109
.734
.4375-28UNEF
.421 - .417
.812
10
.429
.188
.734
.812
.625
1.109
.844
.5625-24UNEF
.542 - .538
.875
12
.543
.312
.870
.812
.625
1.109
1.016
.6875-24UNEF
.667 - .663
1.000
14
.668
.375
.996
.812
.625
1.172
1.141
.8125-20UNEF
.791 - .787
1.125
16
.793
.500
1.122
.828
.625
1.172
1.265
.9375-20UNEF
.916 - .912
1.188
18
.894
.625
1.246
.828
.625
1.172
1.391
1.0625-18UNEF
1.034 - 1.030
1.438
20
1.019
.625
1.372
.828
.625
1.234
1.500
1.1875-18UNEF
1.158 - 1.154
1.438
22
1.144
.750
1.496
.828
.625
1.234
1.625
1.3125-18UNEF
1.283 - 1.279
1.625
24
1.269
.800
1.622
.906
.688
1.297
1.750
1.4375-18UNEF
1.408 - 1.404
1.719
JTG06A Series II – Solder
Straight Plug (With Grounding Ring)
*JT06P-XX-XXX (MS27336P)
*JTN06P-XX-XXX
*JT06A-XX-XXX (MS27336T)
*JTN06A-XX-XXX
*JT06A-XX-XXX(SR)
*JTN06A-XX-XXX(SR)
* Plug with grounding fingers
** Coupling nut is clear iridite finish (gold color), shell and grounding fingers
are gold plated N
2O4 resistant.
Shell
Size
H Dia.
+.010
–.001
L
Max.
Q
Dia.
Max.
V Thread Modified
Size
Class 2A
Modified
Major Dia.
8
.635
.625
.734
.4375-28UNEF
.421 - .417
10
.734
.625
.844
.5625-24UNEF
.542 - .538
12
.870
.625
1.016
.6875-24UNEF
.667 - .663
14
.996
.625
1.141
.8125-20UNEF
.791 - .787
16
1.122
.625
1.265
.9375-20UNEF
.916 - .912
18
1.246
.625
1.391
1.0625-18UNEF
1.034 - 1.030
20
1.372
.625
1.500
1.1875-18UNEF
1.158 - 1.154
22
1.496
.625
1.625
1.3125-18UNEF
1.283 - 1.279
24
1.622
.688
1.750
1.4375-18UNEF
1.408 - 1.404
All dimensions for reference only.
*JTG06A-XX-XXX
**JTNG06A-XX-XXX
JT06 (MS27336) Series II – Solder
Straight Plug
Military qualified to MIL-DTL-27599
Military qualified to MIL-DTL-27599
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
JT/JTN/JTG/JTNG
06
A
22-2
P
A
(XXX)
Part number reference. To complete,
see how to order pages 62-66.
PART #
MS
Number
Service
Class
Shell
Size
Finish
Insert
Arrg
Contact Style
(P or S)
Alternate
Position
MS27336
P
14
A
18
P
A
Military
Commercial


Similar Part No. - 466511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4665 ETC2-4665 Datasheet
589Kb / 1P
   TRANSISTOR MICA INSULATORS
logo
Amphenol Corporation
46650-51 AMPHENOL-46650-51 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-51RFX AMPHENOL-46650-51RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-75RFX AMPHENOL-46650-75RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-93RFX AMPHENOL-46650-93RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results

Similar Description - 466511

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
   MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
   MIL-DTL-38999 Series I
logo
Amphenol Corporation
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com