Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

466511 Datasheet(PDF) 19 Page - Amphenol Aerospace Operations

Part # 466511
Description  MIL-DTL-38999, Series II JT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

466511 Datasheet(HTML) 19 Page - Amphenol Aerospace Operations

Back Button 466511 Datasheet HTML 15Page - Amphenol Aerospace Operations 466511 Datasheet HTML 16Page - Amphenol Aerospace Operations 466511 Datasheet HTML 17Page - Amphenol Aerospace Operations 466511 Datasheet HTML 18Page - Amphenol Aerospace Operations 466511 Datasheet HTML 19Page - Amphenol Aerospace Operations 466511 Datasheet HTML 20Page - Amphenol Aerospace Operations 466511 Datasheet HTML 21Page - Amphenol Aerospace Operations 466511 Datasheet HTML 22Page - Amphenol Aerospace Operations 466511 Datasheet HTML 23Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
79
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
HD
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
pCB
Accessories
Aquacon
Herm/Seal
Amphenol
Aerospace
S (2 PLACES)
H
A
T
C
M
Z
.062 MIN.**
.109 MAX
O RING
N
RR
* JT07H-XX-XXX
*** JT07Y-XX-XX (MS27477YXXDXXX)
**** JTS07Y-XX-XXX (MS27483YXXEXXX)
* Standard Junior Tri-Lock
.059 Dia. Min. 3 lockwire holes. Formed lockwire hole design (6 holes) is optional.
• “D” shaped mounting hole dimensions.
** Panel Thickness
*** Interfacial seal wafer
****High temperature version, interfacial seal wafer with stainless steel shell
All dimensions for reference only.
* JTIH-XX-XXX
** JTIY-XX-XX (MS27478YXXDXXX)
*** JTSIY-XX-XXX (MS27503YXXEXXX)
* Standard Junior Tri-Lock
** Interfacial seal wafer
*** High temperature version, interfacial seal wafer with stainless steel shell
All dimensions for reference only.
Weld mounting hermetic receptacle also available.
Consult Amphenol Aerospace for availability and dimensions.
GG
.348
N
L
KK
.317
.340 MAX
+.011
–.010
±.005
JT07 (MS27477) Series II – Hermetic
Jam Nut Receptacle
Shell
Size
L
+.011
–.010
N
+.001
–.005
GG
+.011
–.010
KK
+.001
–.005
8
.078
.473
.687
.562
10
.078
.590
.797
.672
12
.078
.750
.906
.781
14
.078
.875
1.031
.906
16
.078
1.000
1.156
1.031
18
.078
1.125
1.281
1.156
20
.078
1.250
1.375
1.250
22
.107
1.375
1.500
1.375
24
.107
1.500
1.625
1.500
Shell
Size
A•
+.000
–.010
C
Max.
H
+.017
–.016
M
±.005
N
+.001
–.005
S
±.016
T•
+.010
–.000
Z Max.
RR Thread
Class 2A
8
.830
1.390
1.062
.438
.473
1.250
.884
.244
.8750-20UNEF
10
.955
1.515
1.188
.438
.590
1.375
1.007
.244
1.0000-20UNEF
12
1.084
1.640
1.312
.438
.750
1.500
1.134
.244
1.1250-18UNEF
14
1.208
1.765
1.438
.438
.875
1.625
1.259
.244
1.2500-18UNEF
16
1.333
1.953
1.562
.438
1.000
1.781
1.384
.244
1.3750-18UNEF
18
1.459
2.031
1.688
.438
1.125
1.890
1.507
.244
1.5000-18UNEF
20
1.576
2.156
1.812
.464
1.250
2.016
1.634
.218
1.6250-18UNEF
22
1.701
2.280
2.000
.464
1.375
2.140
1.759
.218
1.7500-18UNS
24
1.826
2.405
2.125
.464
1.500
2.265
1.884
.218
1.8750-16UN
JTI (MS27478) Series II – Hermetic
Solder Mounting Receptacle
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
JT/JTS
07
H
22-2
P
A
(XXX)
Part number reference. To complete,
see how to order pages 62-66.
PART #
MS
Number
Service
Class
Shell
Size
Finish
Insert
Arrg
Contact Style
(P or S)
Alternate
Position
MS27477
Y
14
A
18
P
A
MS27483
Y
14
A
18
P
A
MS27478
Y
14
A
18
P
A
MS27503
Y
14
A
18
P
A
Military
Commercial
S (2 PLACES)
H
A
T
C
M
Z
.062 MIN.**
.109 MAX
O RING
N
RR


Similar Part No. - 466511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4665 ETC2-4665 Datasheet
589Kb / 1P
   TRANSISTOR MICA INSULATORS
logo
Amphenol Corporation
46650-51 AMPHENOL-46650-51 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-51RFX AMPHENOL-46650-51RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-75RFX AMPHENOL-46650-75RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-93RFX AMPHENOL-46650-93RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results

Similar Description - 466511

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
   MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
   MIL-DTL-38999 Series I
logo
Amphenol Corporation
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com