Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

466511 Datasheet(PDF) 16 Page - Amphenol Aerospace Operations

Part # 466511
Description  MIL-DTL-38999, Series II JT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

466511 Datasheet(HTML) 16 Page - Amphenol Aerospace Operations

Back Button 466511 Datasheet HTML 12Page - Amphenol Aerospace Operations 466511 Datasheet HTML 13Page - Amphenol Aerospace Operations 466511 Datasheet HTML 14Page - Amphenol Aerospace Operations 466511 Datasheet HTML 15Page - Amphenol Aerospace Operations 466511 Datasheet HTML 16Page - Amphenol Aerospace Operations 466511 Datasheet HTML 17Page - Amphenol Aerospace Operations 466511 Datasheet HTML 18Page - Amphenol Aerospace Operations 466511 Datasheet HTML 19Page - Amphenol Aerospace Operations 466511 Datasheet HTML 20Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
76
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Dualok
III
SJT
38999
PCB
HD
I
II
Aquacon
Accessories
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Amphenol
Aerospace
.059 Dia. Min. 3 lockwire holes.
Formed lockwire hole design
(6 holes) is optional.
• “D” shaped mounting hole dimensions.
* Miniature mounting dimensions
*** High temperature version
****Clear iridite finish (gold color), N
2O4 resistant
S
H
S
A
T
C
M
P
K
O RING
KK
RR
Z
L2
N
RR
Z
L
N
KK1
F
M
P
K
O RING
KK
RR
Z
L
N
1
M
P
K
O RING
* JTL07RP-XX-XXX
*** JTLS07RP-XX-XXX
**** JTLN07RP-XX-XXX
* JTL07RE-XX-XXX (SR)
*** JTLS07RE-XX-XXX (SR)
**** JTLN07RE-XX-XXX (SR)
* JTL07RE-XX-XXX
*** JTLS07RE-XX-XXX
**** JTLN07RE-XX-XXX
All dimensions for reference only.
JTL07R Series II – Crimp
Jam Nut Receptacle
Shell
Size
A•
+.000
–.010
C
Max.
F Dia.
+.010
–.025
H Hex
+.017
–.016
K
+.011
–.010
L
Max.
L1
Max.
L2
Max.
M
±.005
N Dia.
+.001
–.005
P Panel
Thickness
S
±.016
T•
+.010
–.000
Z
±.026
KK Dia.
Max.
KK1
Max.
RR Thread
Class 2A
Min. Max.
8
.542
1.077
.125
.750
.125
1.062
.641
.375
.630
.473
.062
.125
.938
.572
.047
.688
.812
.5625-24UNEF
10
.669
1.203
.188
.875
.125
1.062
.641
.375
.630
.590
.062
.125
1.062
.697
.047
.812
.875
.6875-24UNEF
12
.830
1.390
.312
1.062
.125
1.062
.641
.375
.630
.750
.062
.125
1.250
.844
.047
.938
1.000
.8750-20UNEF
14
.955
1.515
.375
1.188
.125
1.062
.641
.375
.630
.875
.062
.125
1.375
1.007
.047
1.062
1.125
1.0000-20UNEF
16
1.084
1.640
.500
1.312
.125
1.062
.641
.375
.630
1.000
.062
.125
1.500
1.134
.047
1.188
1.188
1.1250-18UNEF
18
1.208
1.765
.625
1.438
.125
1.062
.641
.375
.630
1.125
.062
.125
1.625
1.259
.047
1.312
1.438
1.2500-18UNEF
20
1.333
1.953
.625
1.562
.156
1.062
.703
.328
.755
1.250
.062
.250
1.812
1.384
.172
1.469
1.438
1.3750-18UNEF
22
1.459
2.075
.750
1.688
.156
1.062
.703
.328
.755
1.375
.062
.250
1.938
1.507
.172
1.594
1.625
1.5000-18UNEF
24
1.575
2.203
.800
1.812
.156
1.062
.703
.328
.755
1.500
.062
.250
2.062
1.634
.172
1.719
1.719
1.6250-18UNEF
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
JTL/JTLS/JTLN
07
RP
22-2
P
A
(XXX)
Part number reference. To complete,
see how to order pages 62-66.
PART #
Commercial


Similar Part No. - 466511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4665 ETC2-4665 Datasheet
589Kb / 1P
   TRANSISTOR MICA INSULATORS
logo
Amphenol Corporation
46650-51 AMPHENOL-46650-51 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-51RFX AMPHENOL-46650-51RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-75RFX AMPHENOL-46650-75RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-93RFX AMPHENOL-46650-93RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results

Similar Description - 466511

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
   MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
   MIL-DTL-38999 Series I
logo
Amphenol Corporation
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com