Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

466511 Datasheet(PDF) 15 Page - Amphenol Aerospace Operations

Part # 466511
Description  MIL-DTL-38999, Series II JT
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

466511 Datasheet(HTML) 15 Page - Amphenol Aerospace Operations

Back Button 466511 Datasheet HTML 11Page - Amphenol Aerospace Operations 466511 Datasheet HTML 12Page - Amphenol Aerospace Operations 466511 Datasheet HTML 13Page - Amphenol Aerospace Operations 466511 Datasheet HTML 14Page - Amphenol Aerospace Operations 466511 Datasheet HTML 15Page - Amphenol Aerospace Operations 466511 Datasheet HTML 16Page - Amphenol Aerospace Operations 466511 Datasheet HTML 17Page - Amphenol Aerospace Operations 466511 Datasheet HTML 18Page - Amphenol Aerospace Operations 466511 Datasheet HTML 19Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
75
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
II
Dualok
III
SJT
38999
I
HD
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
pCB
Accessories
Aquacon
Herm/Seal
Amphenol
Aerospace
C
S (2 PLACES)
H
A
T
2
A
L
2
A
2
A
2
A
L
2
L2
L
* JT07RE-XX-XXX (SR)
*** JTS07RE-XX-XXX (SR)
**** JTN07RE-XX-XXX (SR)
.059 Dia. Min. 3 lockwire holes.
Formed lockwire hole design (6 holes) is optional.
• “D” shaped mounting hole dimensions.
* Standard Junior Tri-Lock
** Panel Thickness
*** High temperature version
****Clear iridite finish (gold color), N
2O4 resistant
All dimensions for reference only.
* JT07RE-XX-XXX (MS27474E)
*** JTS07RE-XX-XXX
**** JTN07RE-XX-XXX
* JT07RP-XX-XXX (MS27474P)
*** JTS07RP-XX-XXX
**** JTN07RP-XX-XXX
* JT07RT-XX-XXX (MS27474T)
*** JTS07RT-XX-XXX
**** JTN07RT-XX-XXX
JT07R (MS27474) Series II – Crimp
Jam Nut Receptacle
Shell
Size
A•
+.000
–.010
C
Max.
F Dia.
+.010
–.025
F1
Dia.
H Hex
+.017
–.016
L
Max.
L1
Max.
L2
Max.
L3
Max.
M
±.005
N Dia.
+.001
–.005
S
±.016
T•
+.010
–.000
V Thread
UNEF
Class 2A
Z
±.031
KK
Max.
KK1
Dia.
Max.
KK2
Max.
RR Thread
(Plated)
Class 2A
8
.830 1.390
.125
.444
1.062
.484 .453 .563 1.047
.438
.473
1.250
.884
.4375-28
.144
.812
.625
.578
.8750-20UNEF
10
.955 1.515
.188
.558
1.188
.484 .453 .563 1.047
.438
.590
1.375 1.007
.5625-24
.144
.875
.750
.703
1.0000-20UNEF
12
1.084 1.640
.312
.683
1.312
.484 .453 .563 1.047
.438
.750
1.500 1.134
.6875-24
.144
1.000
.875
.828
1.1250-18UNEF
14
1.208 1.765
.375
.808
1.438
.484 .453 .563 1.297
.438
.875
1.625 1.259
.8125-20
.144
1.125 1.000
.953
1.2500-18UNEF
16
1.333 1.953
.500
.909
1.562
.484 .453 .563 1.297
.438
1.000
1.781 1.384
.9375-20
.144
1.188 1.125 1.078
1.3750-18UNEF
18
1.459 2.031
.625
1.034
1.688
.484 .453 .563 1.297
.438
1.125
1.890 1.507
1.0625-18
.144
1.438 1.250 1.203
1.5000-18UNEF
20
1.576 2.156
.625
1.159
1.812
.453 .422 .531 1.266
.464
1.250
2.016 1.634
1.1875-18
.188
1.438 1.375 1.328
1.6250-18UNEF
22
1.701 2.280
.750
1.284
2.000
.453 .422 .531 1.391
.464
1.375
2.140 1.759
1.3125-18
.188
1.625 1.500 1.453
1.7500-18UNS
24
1.826 2.405
.800
1.409
2.125
.375 .422 .609 1.391
.464
1.500
2.265 1.884
1.4375-18
.188
1.719 1.625 1.578
1.8750-16UN
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert Arrg
Contact
Type
Alternate
Position
Special
Variations
JT/JTS/JTN
07
RE
22-2
P
A
(XXX)
Part number reference. To complete,
see how to order pages 62-66.
PART #
MS
Number
Service
Class
Shell
Size
Finish
Insert
Arrg
Contact Style
(P or S)
Alternate
Position
MS27474
E
14
A
18
P
A
Military
Commercial


Similar Part No. - 466511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4665 ETC2-4665 Datasheet
589Kb / 1P
   TRANSISTOR MICA INSULATORS
logo
Amphenol Corporation
46650-51 AMPHENOL-46650-51 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-51RFX AMPHENOL-46650-51RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-75RFX AMPHENOL-46650-75RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
46650-93RFX AMPHENOL-46650-93RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results

Similar Description - 466511

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D3899924WD35SA AMPHENOL-D3899924WD35SA Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
   MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
   MIL-DTL-38999 Series I
logo
Amphenol Corporation
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com