Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STMPE811 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STMPE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STMPE811_V01 Datasheet HTML 6Page - STMicroelectronics STMPE811_V01 Datasheet HTML 7Page - STMicroelectronics STMPE811_V01 Datasheet HTML 8Page - STMicroelectronics STMPE811_V01 Datasheet HTML 9Page - STMicroelectronics STMPE811_V01 Datasheet HTML 10Page - STMicroelectronics STMPE811_V01 Datasheet HTML 11Page - STMicroelectronics STMPE811_V01 Datasheet HTML 12Page - STMicroelectronics STMPE811_V01 Datasheet HTML 13Page - STMicroelectronics STMPE811_V01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
I2C interface
STMPE811
10/66
Doc ID 14489 Rev 5
4
I2C interface
The addressing scheme of STMPE811 is designed to allow up to 2 devices to be connected
to the same I2C bus.
Figure 4.
STMPE811 I2C interface
For the bus master to communicate to the slave device, the bus master must initiate a Start
condition and be followed by the slave device address. Accompanying the slave device
address, is a read/write bit (R/W). The bit is set to 1 for read and 0 for write operation. If a
match occurs on the slave device address, the corresponding device gives an acknowledge
on the SDA during the 9th bit time. If there is no match, it deselects itself from the bus by not
responding to the transaction.
Figure 5.
I2C timing diagram
Table 6.
I2C address
ADDR0
Address
00 x 82
10 x 88
ADDR0
SCLK
SDAT
SCLK
SDAT
GND
VCC
STMPE811
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P


Similar Part No. - STMPE811_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
508Kb / 54P
8-bit port expander with advanced touchscreen controller
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
651Kb / 64P
Advanced resistive touch screen controller with 8-bit GPIO expander
STMPE811TTR STMICROELECTRONICS-STMPE811TTR Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
8-bit port expander with advanced touchscreen controller
More results

Similar Description - STMPE811_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_09 Datasheet
651Kb / 64P
Advanced resistive touch screen controller with 8-bit GPIO expander
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
8-bit port expander with advanced touchscreen controller
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
S-Touch®enhanced 4-wire resistive touchscreen controller with PWM
February 2011
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
logo
Exar Corporation
XRA1402IG16-0B EXAR-XRA1402IG16-0B Datasheet
409Kb / 14P
8-BIT SPI GPIO EXPANDER
XRA1402 EXAR-XRA1402 Datasheet
409Kb / 14P
8-BIT SPI GPIO EXPANDER
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
8-BIT I2C/SMBUS GPIO EXPANDER
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
8-BIT I2C/SMBUS GPIO EXPANDER
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com