Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURS120T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MURS120T3
Description  ULTRAFAST RECTIFIERS 1.0 AMPERE, 50??00 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURS120T3 Datasheet(HTML) 1 Page - ON Semiconductor

  MURS120T3_06 Datasheet HTML 1Page - ON Semiconductor MURS120T3_06 Datasheet HTML 2Page - ON Semiconductor MURS120T3_06 Datasheet HTML 3Page - ON Semiconductor MURS120T3_06 Datasheet HTML 4Page - ON Semiconductor MURS120T3_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 8
1
Publication Order Number:
MURS120T3/D
MURS120T3 Series
Preferred Devices
Surface Mount Ultrafast
Power Rectifiers
MURS105T3, MURS110T3, MURS115T3,
MURS120T3, MURS140T3, MURS160T3
Ideally suited for high voltage, high frequency rectification, or as
free wheeling and protection diodes in surface mount applications
where compact size and weight are critical to the system.
Features
Small Compact Surface Mountable Package with J−Bend Leads
Rectangular Package for Automated Handling
High Temperature Glass Passivated Junction
Low Forward Voltage Drop (0.71 to 1.05 V Max @ 1.0 A, TJ = 150°C)
Pb−Free Packages are Available
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 95 mg (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Polarity Band Indicates Cathode Lead
Preferred devices are recommended choices for future use
and best overall value.
See detailed ordering and shipping information in the table on
page 2 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
See general marking information in the device marking table
on page 2 of this data sheet.
DEVICE MARKING INFORMATION
ULTRAFAST RECTIFIERS
1.0 AMPERE, 50−600 VOLTS
SMB
CASE 403A
http://onsemi.com
A
= Assembly Location
Y
= Year
WW = Work Week
U1
= Device Code
x = A, B, C, D, G, or J
G
= Pb−Free Package
AYWW
U1x
G
G
(Note: Microdot may be in either location)


Similar Part No. - MURS120T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS120T3G ONSEMI-MURS120T3G Datasheet
80Kb / 6P
Surface Mount Ultrafast Power Rectifiers
December, 2004 ??Rev. 7
MURS120T3G ONSEMI-MURS120T3G Datasheet
114Kb / 5P
Surface Mount Ultrafast Power Rectifiers
July, 2010 ??Rev. 9
MURS120T3G ONSEMI-MURS120T3G Datasheet
117Kb / 6P
Surface Mount Ultrafast Power Rectifiers
May, 2013 ??Rev. 12
MURS120T3G ONSEMI-MURS120T3G Datasheet
68Kb / 5P
Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 13
MURS120T3G ONSEMI-MURS120T3G Datasheet
195Kb / 6P
Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
More results

Similar Description - MURS120T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA115T3 ONSEMI-MURA115T3_06 Datasheet
49Kb / 4P
ULTRAFAST RECTIFIERS 1 AMPERE, 100??00 VOLTS
February, 2006 ??Rev. 5
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MURA205T3 ONSEMI-MURA205T3_06 Datasheet
49Kb / 4P
ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 3
MURS205T3 ONSEMI-MURS205T3_06 Datasheet
48Kb / 4P
ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 1
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
Yea Shin Technology Co....
SF11G YEASHIN-SF11G Datasheet
56Kb / 2P
SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 1.0 Ampere
logo
Motorola, Inc
MUR190E MOTOROLA-MUR190E Datasheet
123Kb / 6P
ULTRAFAST RECTIFIERS 1.0 AMPERE 900-1000 VOLTS
MURS120T3 MOTOROLA-MURS120T3 Datasheet
112Kb / 4P
ULTRAFAST RECTIFIERS 1.0 AMPERE 200-600 VOLTS
MUR120 MOTOROLA-MUR120 Datasheet
115Kb / 6P
ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com