Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURP20020CT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MURP20020CT
Description  ULTRAFAST RECTIFIERS 200 AMPERES, 200??00 VOLTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURP20020CT Datasheet(HTML) 1 Page - ON Semiconductor

  MURP20020CT_06 Datasheet HTML 1Page - ON Semiconductor MURP20020CT_06 Datasheet HTML 2Page - ON Semiconductor MURP20020CT_06 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 6
1
Publication Order Number:
MURP20020CT/D
MURP20020CT,
MURP20040CT
Preferred Devices
POWERTAPt II Ultrafast
SWITCHMODEt Power
Rectifiers
These state−of−the−art POWERTAP II Ultrafast SWITCHMODE
power rectifiers are designed for use in switching power supplies,
inverters, and as free wheeling diodes.
Features
Dual Diode Construction
Low Leakage Current
Low Forward Voltage
175°C Operating Junction Temperature
Labor Saving POWERTAP Package
Pb−Free Packages are Available*
Mechanical Characteristics:
Case: Epoxy, Molded with Metal Heatsink Base
Weight: 80 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant
Top Terminal Torque: 25 − 40 lb−in Max
Base Plate Torques: See Procedure Given in the Package Outline
Section
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
MURP20020CT
MURP20040CT
VRRM
VRWM
VR
300
400
V
Average Rectified Forward Current
@ TL = 150°C − Per Device
@ TL = 125°C − Per Leg
IF(AV)
200
100
A
Peak Repetitive Surge Current Per Leg
(Surge applied at rated load conditions
halfwave, single phase, 60 Hz)
IFRM
200
A
Nonrepetitive Peak Surge Current Per Leg
(Surge applied at rated load conditions
halfwave, single phase, 60 Hz)
IFSM
800
A
Operating Junction Temperature
TJ
−55 to +175
°C
Storage Temperature
Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Thermal Resistance, Junction−to−Lead
RqJC
0.45
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
ULTRAFAST RECTIFIERS
200 AMPERES, 200−400 VOLTS
Device
Package
Shipping
ORDERING INFORMATION
MURP20020CT
POWERTAP II
25 Units/Tray
POWERTAP II
CASE 357C
PLASTIC
1
2
3
1
2
3
Preferred devices are recommended choices for future use
and best overall value.
MARKING DIAGRAM
UP200x0
A
= Assembly Location
YY
= Year
WW
= Work Week
G= Pb−Free Package
UP200x0 = Device Code
x = 2 or 4
AYYWWG
MURP20040CT
POWERTAP II
25 Units/Tray
http://onsemi.com
MURP20040CTG POWERTAP II
(Pb−Free)
25 Units/Tray
MURP20020CTG POWERTAP II
(Pb−Free)
25 Units/Tray


Similar Part No. - MURP20020CT_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURP20020CT MOTOROLA-MURP20020CT Datasheet
58Kb / 2P
   ULTRAFAST RECTIFIERS 200 AMPERES 200.400 VOLTS
logo
New Jersey Semi-Conduct...
MURP20020CT NJSEMI-MURP20020CT Datasheet
89Kb / 2P
   POWERTAP??II Ultrafast SWITCHMODE??Power Rectifiers
More results

Similar Description - MURP20020CT_06

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
MUR3040PT KERSEMI-MUR3040PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
logo
Motorola, Inc
MURP20020CT MOTOROLA-MURP20020CT Datasheet
58Kb / 2P
   ULTRAFAST RECTIFIERS 200 AMPERES 200.400 VOLTS
MURD620CT MOTOROLA-MURD620CT Datasheet
87Kb / 4P
   ULTRAFAST RECTIFIERS 6 AMPERES 200 VOLTS
MURD320 MOTOROLA-MURD320 Datasheet
85Kb / 4P
   ULTRAFAST RECTIFIERS 3 AMPERES 200 VOLTS
MUR420 MOTOROLA-MUR420 Datasheet
100Kb / 6P
   ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
MURS320T3 MOTOROLA-MURS320T3 Datasheet
107Kb / 4P
   ULTRAFAST RECTIFIERS 3.0 AMPERES 200-600 VOLTS
MUR820 MOTOROLA-MUR820 Datasheet
150Kb / 6P
   ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
MUR3020WT MOTOROLA-MUR3020WT Datasheet
103Kb / 6P
   ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR1620CT MOTOROLA-MUR1620CT Datasheet
153Kb / 6P
   ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com