Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURA205T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MURA205T3
Description  ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURA205T3 Datasheet(HTML) 3 Page - ON Semiconductor

  MURA205T3_06 Datasheet HTML 1Page - ON Semiconductor MURA205T3_06 Datasheet HTML 2Page - ON Semiconductor MURA205T3_06 Datasheet HTML 3Page - ON Semiconductor MURA205T3_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MURA205T3, MURA210T3
http://onsemi.com
3
dc
40
20
32
24
16
0
840
VR, REVERSE VOLTAGE (VOLTS)
TL, LEAD TEMPERATURE (°C)
Figure 5. Typical Capacitance
Figure 6. Maximum Capacitance
Figure 7. Current Derating, Lead
Figure 8. Current Derating, Ambient
(FR−4 Board with Minimum Pad)
10
30
50
0
150
140
130
0
4
100
1
0.5
170
160
180
40
0
VR, REVERSE VOLTAGE (VOLTS)
TA, AMBIENT TEMPERATURE (°C)
20
60
80
60
40
20
100
0
0
1
0.5
140
120
Figure 9. Power Dissipation
1.5
0
2
1.5
1
0.5
3.5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0.5
2.5
0
28
20
12
436
35
15
5
25
45
32
24
16
840
028
20
12
436
50
10
30
2
1.5
3
2.5
3.5
1
160
1.5
NOTE: TYPICAL
CAPACITANCE AT
0 V = 45 pF
NOTE: MAXIMUM
CAPACITANCE AT
0 V = 48 pF
RqJL = 24°C/W
TJ = 175°C
dc
SQUARE WAVE
TJ = 175°C
dc
SQUARE WAVE
RqJA = 216°C/W
TJ = 175°C
SQUARE
WAVE
120
110
2
2.5
3


Similar Part No. - MURA205T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA205T3G ONSEMI-MURA205T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
MURA205T3G ONSEMI-MURA205T3G Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 6
MURA205T3G ONSEMI-MURA205T3G Datasheet
181Kb / 6P
   Power Rectifier, Ultra-Fast Recovery, 2 A, 50 V
May, 2023 - Rev. 9
More results

Similar Description - MURA205T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS205T3 ONSEMI-MURS205T3_06 Datasheet
48Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 1
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR3040PT KERSEMI-MUR3040PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com