Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURA205T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MURA205T3
Description  ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURA205T3 Datasheet(HTML) 1 Page - ON Semiconductor

  MURA205T3_06 Datasheet HTML 1Page - ON Semiconductor MURA205T3_06 Datasheet HTML 2Page - ON Semiconductor MURA205T3_06 Datasheet HTML 3Page - ON Semiconductor MURA205T3_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 3
1
Publication Order Number:
MURA205T3/D
MURA205T3, MURA210T3
Preferred Devices
Surface Mount Ultrafast
Power Rectifiers
Ideally suited for high voltage, high frequency rectification, or as
free wheeling and protection diodes in surface mount applications
where compact size and weight are critical to the system.
Features
Small Compact Surface Mountable Package with J−Bend Leads
Rectangular Package for Automated Handling
High Temperature Glass Passivated Junction
Low Forward Voltage Drop (0.74 V Max @ 2.0 A, TJ = 150°C)
Pb−Free Packages are Available
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 70 mg (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Polarity Band Indicates Cathode Lead
ESD Protection: Human Body Model > 4000 V (Class 3)
Machine Model > 400 V (Class C)
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
MURA205T3
MURA210T3
VRRM
VRWM
VR
50
100
V
Average Rectified Forward Current
@ TL = 155°C
@ TL = 135°C
IF(AV)
1.0
2.0
A
Non-Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
50
A
Operating Junction Temperature Range
TJ
−65 to +175
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Lead
(TL = 25°C) (Note 1)
Thermal Resistance, Junction−to−Ambient
(Note 1)
PsiJL
(Note 2)
RqJA
24
216
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Rating applies when surface mounted on the minimum pad size
recommended, PC Board FR−4.
2. In compliance with JEDEC 51, these values (historically represented by RqJL)
are now referenced as PsiJL.
Device
Package
Shipping
ORDERING INFORMATION
MURA205T3
SMA
5000/Tape & Reel
MURA210T3
SMA
5000/Tape & Reel
ULTRAFAST RECTIFIERS
2 AMPERES, 50−100 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
SMA
CASE 403D
PLASTIC
MARKING DIAGRAM
U5x
AYWW
G
MURA205T3G
SMA
(Pb−Free)
5000/Tape & Reel
MURA210T3G
SMA
(Pb−Free)
5000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
U5x = Device Code
x = A for MURA205T3
= B for MURA210T3
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package


Similar Part No. - MURA205T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA205T3G ONSEMI-MURA205T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
MURA205T3G ONSEMI-MURA205T3G Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 6
MURA205T3G ONSEMI-MURA205T3G Datasheet
181Kb / 6P
   Power Rectifier, Ultra-Fast Recovery, 2 A, 50 V
May, 2023 - Rev. 9
More results

Similar Description - MURA205T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS205T3 ONSEMI-MURS205T3_06 Datasheet
48Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 1
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR3040PT KERSEMI-MUR3040PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com