Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURA115T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MURA115T3
Description  ULTRAFAST RECTIFIERS 1 AMPERE, 100??00 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURA115T3 Datasheet(HTML) 3 Page - ON Semiconductor

  MURA115T3_06 Datasheet HTML 1Page - ON Semiconductor MURA115T3_06 Datasheet HTML 2Page - ON Semiconductor MURA115T3_06 Datasheet HTML 3Page - ON Semiconductor MURA115T3_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MURA115T3, MURA120T3
http://onsemi.com
3
dc
20
32
24
16
0
840
VR, REVERSE VOLTAGE (VOLTS)
TL, LEAD TEMPERATURE (°C)
Figure 5. Typical Capacitance
Figure 6. Maximum Capacitance
Figure 7. Current Derating, Lead
Figure 8. Current Derating, Ambient
(FR−4 Board with Minimum Pad)
10
50
0
110
100
90
0
5
80
1
130
120
180
20
0
VR, REVERSE VOLTAGE (VOLTS)
TA, AMBIENT TEMPERATURE (°C)
10
50
80
60
40
20
100
0
1.5
0
1
0.25
140
120
Figure 9. Power Dissipation
0
2
1.5
1
0.5
3.5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0.5
0
28
20
12
436
15
5
25
32
24
16
840
028
20
12
436
25
5
15
2
3
1.5
160
180
1.25
NOTE: TYPICAL
CAPACITANCE AT
0 V = 45 pF
NOTE: MAXIMUM
CAPACITANCE AT
0 V = 47 pF
dc
SQUARE WAVE
dc
SQUARE WAVE
SQUARE WAVE
150
140
170
160
4
2.5
30
35
40
45
30
35
40
45
1
3
0.5
0.75
2.5
3
2


Similar Part No. - MURA115T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA115T3G ONSEMI-MURA115T3G Datasheet
56Kb / 5P
Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURA115T3G ONSEMI-MURA115T3G Datasheet
143Kb / 6P
Surface Mount Ultrafast Power Rectifiers
February, 2017 - Rev. 10
MURA115T3G ONSEMI-MURA115T3G Datasheet
182Kb / 6P
Power Rectifier, Ultra-Fast Recovery, 1 A, 100-200 V
August, 2023 - Rev. 12
More results

Similar Description - MURA115T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS120T3 ONSEMI-MURS120T3_06 Datasheet
60Kb / 5P
ULTRAFAST RECTIFIERS 1.0 AMPERE, 50??00 VOLTS
July, 2006 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1560G KERSEMI-MUR1560G Datasheet
431Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT_06 Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com