Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURA115T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MURA115T3
Description  ULTRAFAST RECTIFIERS 1 AMPERE, 100??00 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURA115T3 Datasheet(HTML) 2 Page - ON Semiconductor

  MURA115T3_06 Datasheet HTML 1Page - ON Semiconductor MURA115T3_06 Datasheet HTML 2Page - ON Semiconductor MURA115T3_06 Datasheet HTML 3Page - ON Semiconductor MURA115T3_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MURA115T3, MURA120T3
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (Note 3)
(iF = 1.0 A, TJ = 25°C)
(iF = 1.0 A, TJ = 150°C)
vF
0.875
0.71
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated DC Voltage, TJ = 25°C)
(Rated DC Voltage, TJ = 150°C)
iR
2.0
50
mA
Maximum Reverse Recovery Time
(iF = 1.0 A, di/dt = 50 A/ms)
trr
35
ns
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%.
10
0.1
80
60
40
20
200
VR, REVERSE VOLTAGE (VOLTS)
VF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Reverse Current
Figure 2. Maximum Reverse Current
Figure 3. Typical Forward Voltage
Figure 4. Maximum Forward Voltage
0.001
1
100
0
0.7
0.6
0.5
0.4
0.8
0.01
10
0.3
1
0.1
1
0.9
10
0.1
80
60
40
20
200
VR, REVERSE VOLTAGE (VOLTS)
VF, INSTANTANEOUS VOLTAGE (VOLTS)
1
100
0
0.7
0.6
0.3
0.8
0.01
10
1
0.1
1
0.9
TJ = 175°C
TJ = 100°C
TJ = 25°C
TJ = 175°C
TJ = 100°C
TJ = 25°C
TC = 175°C
100
°C
25
°C
TC = 175°C
100
°C
25
°C
100
120
120
100
1.1
1.1
140 160
180
0.01
140
180
160
0.5
0.4


Similar Part No. - MURA115T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA115T3G ONSEMI-MURA115T3G Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURA115T3G ONSEMI-MURA115T3G Datasheet
143Kb / 6P
   Surface Mount Ultrafast Power Rectifiers
February, 2017 - Rev. 10
MURA115T3G ONSEMI-MURA115T3G Datasheet
182Kb / 6P
   Power Rectifier, Ultra-Fast Recovery, 1 A, 100-200 V
August, 2023 - Rev. 12
More results

Similar Description - MURA115T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS120T3 ONSEMI-MURS120T3_06 Datasheet
60Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 AMPERE, 50??00 VOLTS
July, 2006 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1560G KERSEMI-MUR1560G Datasheet
431Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com