Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1620CT Datasheet(PDF) 5 Page - ON Semiconductor

Part # MUR1620CT
Description  ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR1620CT Datasheet(HTML) 5 Page - ON Semiconductor

  MUR1620CT_06 Datasheet HTML 1Page - ON Semiconductor MUR1620CT_06 Datasheet HTML 2Page - ON Semiconductor MUR1620CT_06 Datasheet HTML 3Page - ON Semiconductor MUR1620CT_06 Datasheet HTML 4Page - ON Semiconductor MUR1620CT_06 Datasheet HTML 5Page - ON Semiconductor MUR1620CT_06 Datasheet HTML 6Page - ON Semiconductor MUR1620CT_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MUR1610CT, MUR1615CT, MUR1620CT, MUR1640CT, MUR1660CT
http://onsemi.com
5
MUR1660CT
Figure 11. Typical Forward Voltage, Per Leg
vF, INSTANTANEOUS VOLTAGE (VOLTS)
1.0
0.6
1.2
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
3.0
0.5
5.0
50
1.4
VR, REVERSE VOLTAGE (VOLTS)
100
200
400
40
80
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 150°C
300
600
Figure 12. Typical Reverse Current, Per Leg*
TA, AMBIENT TEMPERATURE (°C)
020
2.0
3.0
0
6.0
7.0
8.0
9.0
10
40
60
80
100
120
140
160
180
200
TC, CASE TEMPERATURE (°C)
140
155
150
0
2.0
1.0
3.0
5.0
4.0
10
7.0
6.0
145
180
Figure 13. Current Derating, Case, Per Leg
Figure 14. Current Derating, Ambient, Per Leg
0
2.0
1.0
2.0
3.0
4.0
14
0
4.0
6.0
8.0
10
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 15. Power Dissipation, Per Leg
0.8
0.7
10
70
1.6
1.8
100
°C
TJ = 150°C
25
°C
500
0.08
0.04
0.02
100
°C
25
°C
160
175
170
165
9.0
8.0
* The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these same curves if VR is sufficiently below
rated VR.
SQUARE WAVE
dc
TJ = 175°C
dc
SQUARE WAVE
1.0
3.0
5.0
7.0
9.0
5.0
6.0
7.0
8.0
9.0
RATED VR APPLIED
SQUARE WAVE
dc
SQUARE WAVE
dc
0.4
RqJA = 16°C/W
RqJA = 60°C/W
(NO HEATSINK)
10
11
12
13
1.0
4.0
5.0
400
800
200


Similar Part No. - MUR1620CT_06

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR1620CT-A THINKISEMI-MUR1620CT-A Datasheet
260Kb / 2P
   16.0 Ampere Heatsink Common Cathode Ultra Fast Recovery Rectifier
MUR1620CT-CA THINKISEMI-MUR1620CT-CA Datasheet
270Kb / 2P
   16.0 Ampere Unipolar/Common Cathode Ultra Fast Recovery Rectifier
MUR1620CT-CTR THINKISEMI-MUR1620CT-CTR Datasheet
268Kb / 2P
   16.0 Ampere Heatsink Common Cathode Ultra Fast Recovery Rectifier
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
MUR1620CTA THINKISEMI-MUR1620CTA Datasheet
237Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
More results

Similar Description - MUR1620CT_06

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
Kersemi Electronic Co.,...
MUR1560G KERSEMI-MUR1560G Datasheet
431Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com