Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR820 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MUR820
Description  ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR820 Datasheet(HTML) 1 Page - ON Semiconductor

  MUR820_06 Datasheet HTML 1Page - ON Semiconductor MUR820_06 Datasheet HTML 2Page - ON Semiconductor MUR820_06 Datasheet HTML 3Page - ON Semiconductor MUR820_06 Datasheet HTML 4Page - ON Semiconductor MUR820_06 Datasheet HTML 5Page - ON Semiconductor MUR820_06 Datasheet HTML 6Page - ON Semiconductor MUR820_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 7
1
Publication Order Number:
MUR820/D
MUR805, MUR810, MUR815,
MUR820, MUR840, MUR860
Preferred Devices
SWITCHMODEt
Power Rectifiers
This series are state−of−the−art devices designed for use in
switching power supplies, inverters and as free wheeling diodes.
Features
Ultrafast 25, 50 and 75 Nanosecond Recovery Time
175°C Operating Junction Temperature
Popular TO−220 Package
Epoxy Meets UL 94 V−0 @ 0.125 in
Low Forward Voltage
Low Leakage Current
High Temperature Glass Passivated Junction
Reverse Voltage to 600 V
Pb−Free Packages are Available*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.9 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes: 260°C Max for 10 Seconds
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−220AC
CASE 221B
PLASTIC
4
3
1
ULTRAFAST RECTIFIERS
8.0 AMPERES, 50−600 VOLTS
1
3
4
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
MARKING DIAGRAM
A
= Assembly Location
Y
= Year
WW
= Work Week
U8xx
= Device Code
xx = 05, 10, 15, 20, 40 or 60
G
= Pb−Free Package
KA
= Diode Polarity
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
AYWWG
U8xx
KA


Similar Part No. - MUR820_06

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
MUR820-28F-29 HDSEMI-MUR820-28F-29 Datasheet
1Mb / 3P
TO-220 Plastic-Encapsulate Diodes
logo
ASEMI TECHNOLOGY., LTD
MUR820AC ASEMI-MUR820AC Datasheet
274Kb / 2P
8A super fast recovery diode
2018.11 Rev.3.1
logo
GOOD-ARK Electronics
MUR820CT GOOD-ARK-MUR820CT Datasheet
172Kb / 2P
Glass Passivated Super Fast Rectifiers
logo
Silicon Standard Corp.
MUR820CT SSC-MUR820CT Datasheet
308Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Rugao Dachang Electroni...
MUR820CT DACHANG-MUR820CT Datasheet
136Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 8.0 A
More results

Similar Description - MUR820_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT_06 Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
MURA205T3 ONSEMI-MURA205T3_06 Datasheet
49Kb / 4P
ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 3
MURS205T3 ONSEMI-MURS205T3_06 Datasheet
48Kb / 4P
ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 1
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com