Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR820 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MUR820
Description  ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR820 Datasheet(HTML) 6 Page - ON Semiconductor

  MUR820_06 Datasheet HTML 1Page - ON Semiconductor MUR820_06 Datasheet HTML 2Page - ON Semiconductor MUR820_06 Datasheet HTML 3Page - ON Semiconductor MUR820_06 Datasheet HTML 4Page - ON Semiconductor MUR820_06 Datasheet HTML 5Page - ON Semiconductor MUR820_06 Datasheet HTML 6Page - ON Semiconductor MUR820_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
http://onsemi.com
6
0.01
0.02
0.05
0.1
0.2
0.5
1.0
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1000
t, TIME (ms)
Figure 16. Thermal Response
D = 0.5
0.05
SINGLE PULSE
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
ZqJC(t) = r(t) RqJC
RqJC = 1.5°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT T1
TJ(pk) − TC = P(pk) ZqJC(t)
1000
10
20
50
10
100
VR, REVERSE VOLTAGE (VOLTS)
Figure 17. Typical Capacitance
0.1
0.01
100
200
500
1.0
2.0
5.0
20
50
TJ = 25°C
ORDERING INFORMATION
Device
Package
Shipping
MUR805
TO−220
50 Units / Rail
MUR805G
TO−220
(Pb−Free)
MUR810
TO−220
MUR810G
TO−220
(Pb−Free)
MUR815
TO−220
MUR815G
TO−220
(Pb−Free)
MUR820
TO−220
MUR820G
TO−220
(Pb−Free)
MUR840
TO−220
MUR840G
TO−220
(Pb−Free)
MUR860
TO−220
MUR860G
TO−220
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MUR820_06

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
MUR820-28F-29 HDSEMI-MUR820-28F-29 Datasheet
1Mb / 3P
TO-220 Plastic-Encapsulate Diodes
logo
ASEMI TECHNOLOGY., LTD
MUR820AC ASEMI-MUR820AC Datasheet
274Kb / 2P
8A super fast recovery diode
2018.11 Rev.3.1
logo
GOOD-ARK Electronics
MUR820CT GOOD-ARK-MUR820CT Datasheet
172Kb / 2P
Glass Passivated Super Fast Rectifiers
logo
Silicon Standard Corp.
MUR820CT SSC-MUR820CT Datasheet
308Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Rugao Dachang Electroni...
MUR820CT DACHANG-MUR820CT Datasheet
136Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 8.0 A
More results

Similar Description - MUR820_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT_06 Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
MURA205T3 ONSEMI-MURA205T3_06 Datasheet
49Kb / 4P
ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 3
MURS205T3 ONSEMI-MURS205T3_06 Datasheet
48Kb / 4P
ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 1
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com