Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34060AP Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC34060AP
Description  Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34060AP Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC34060AP Datasheet HTML 2Page - ON Semiconductor MC34060AP Datasheet HTML 3Page - ON Semiconductor MC34060AP Datasheet HTML 4Page - ON Semiconductor MC34060AP Datasheet HTML 5Page - ON Semiconductor MC34060AP Datasheet HTML 6Page - ON Semiconductor MC34060AP Datasheet HTML 7Page - ON Semiconductor MC34060AP Datasheet HTML 8Page - ON Semiconductor MC34060AP Datasheet HTML 9Page - ON Semiconductor MC34060AP Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC34060A, MC33060A
http://onsemi.com
6
APPLICATIONS INFORMATION
The control signals are external inputs that can be fed into
the dead−time control, the error amplifier inputs, or the
feed−back input. The dead−time control comparator has an
effective 120 mV input offset which limits the minimum
output dead time to approximately the first 4% of the
sawtooth−cycle time. This would result in a maximum duty
cycle of 96%. Additional dead time may be imposed on the
output by setting the dead time−control input to a fixed
voltage, ranging between 0 V to 3.3 V.
The pulse width modulator comparator provides a means
for the error amplifiers to adjust the output pulse width from
the maximum percent on−time, established by the dead time
control input, down to zero, as the voltage at the feedback
pin varies from 0.5 V to 3.5 V. Both error amplifiers have a
common mode input range from −0.3 V to (VCC −2.0 V), and
may be used to sense power supply output voltage and
current. The error−amplifier outputs are active high and are
ORed together at the noninverting input of the pulse−width
modulator comparator. With this configuration, the
amplifier that demands minimum output on time, dominates
control of the loop.
The MC34060A has an internal 5.0 V reference capable
of sourcing up to 10 mA of load currents for external bias
circuits. The reference has an internal accuracy of ±5% with
a typical thermal drift of less than 50 mV over an operating
temperature range of 0° to +70°C.
Figure 3. Oscillator Frequency
versus Timing Resistance
Figure 4. Open Loop Voltage Gain and Phase
versus Frequency
Figure 5. Percent Deadtime versus
Oscillator Frequency
Figure 6. Percent Duty Cycle versus
Dead−Time Control Voltage
f, FREQUENCY (Hz)
AVOL
q
1.0
10
100
1.0 k
10 k
100 k
1.0 M
VCC = 15 V
DVO = 3.0
V
RL = 2.0 k
W
DEAD−TIME CONTROL VOLTAGE (V)
0
1.0
2.0
3.0
3.5
VCC = 15 V
CT = 0.001
RT = 47 k
VCC = 15 V
RT, TIMING RESISTANCE (W)
1.0 k
2.0 k
5.0 k 10 k 20 k
50 k 100 k 200 k 500 k 1.0 M
1.0
mF
0.001
mF
CT = 0.01 mF
fosc, OSCILLATOR FREQUENCY (Hz)
500
10 k
100 k
500 k
CT = 0.001 mF
0.01
mF
1.0 k
100
90
80
70
60
50
40
30
20
10
0
100
80
60
40
20
0
500 k
100 k
10 k
1.0 k
500
20
18
16
14
12
10
8.0
6.0
4.0
2.0
0
110
120
−20
−40
−60
−80
−100
−120
−140
−160
−180
0


Similar Part No. - MC34060AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34060AP ONSEMI-MC34060AP Datasheet
209Kb / 16P
Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
More results

Similar Description - MC34060AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
MC34060A ONSEMI-MC34060A Datasheet
209Kb / 16P
Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Renesas Technology Corp
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
VOLTAGE - MODE PWM CONTROLLERS
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
Voltage-Mode PWM Controllers
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
Flexible Double Ended Voltage and Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com