Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34060ADR2G Datasheet(PDF) 15 Page - ON Semiconductor

Part # MC34060ADR2G
Description  Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34060ADR2G Datasheet(HTML) 15 Page - ON Semiconductor

Back Button MC34060ADR2G Datasheet HTML 8Page - ON Semiconductor MC34060ADR2G Datasheet HTML 9Page - ON Semiconductor MC34060ADR2G Datasheet HTML 10Page - ON Semiconductor MC34060ADR2G Datasheet HTML 11Page - ON Semiconductor MC34060ADR2G Datasheet HTML 12Page - ON Semiconductor MC34060ADR2G Datasheet HTML 13Page - ON Semiconductor MC34060ADR2G Datasheet HTML 14Page - ON Semiconductor MC34060ADR2G Datasheet HTML 15Page - ON Semiconductor MC34060ADR2G Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MC34060A, MC33060A
http://onsemi.com
15
PACKAGE DIMENSIONS
SOIC−14
CASE 751A−03
ISSUE H
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.127
(0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
−A−
−B−
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
−T−
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__
7.04
14X
0.58
14X
1.52
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
7X
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - MC34060ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34060AD ONSEMI-MC34060AD Datasheet
209Kb / 16P
Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
More results

Similar Description - MC34060ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A Datasheet
209Kb / 16P
Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
VOLTAGE - MODE PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
Voltage-Mode PWM Controllers
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
Flexible Single Ended Current Mode PWM Controllers
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com