Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34060ADR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC34060ADR2G
Description  Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34060ADR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC34060ADR2G Datasheet HTML 3Page - ON Semiconductor MC34060ADR2G Datasheet HTML 4Page - ON Semiconductor MC34060ADR2G Datasheet HTML 5Page - ON Semiconductor MC34060ADR2G Datasheet HTML 6Page - ON Semiconductor MC34060ADR2G Datasheet HTML 7Page - ON Semiconductor MC34060ADR2G Datasheet HTML 8Page - ON Semiconductor MC34060ADR2G Datasheet HTML 9Page - ON Semiconductor MC34060ADR2G Datasheet HTML 10Page - ON Semiconductor MC34060ADR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC34060A, MC33060A
http://onsemi.com
7
Figure 7. Emitter−Follower Configuration
Output Saturation Voltage versus
Emitter Current
Figure 8. Common−Emitter Configuration
Output Saturation Voltage versus
Collector Current
IE, EMITTER CURRENT (mA)
0
100
200
300
400
500
IC, COLLECTOR CURRENT (mA)
0
100
200
300
400
500
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
Figure 9. Standby Supply Current
versus Supply Voltage
Figure 10. Undervoltage Lockout Thresholds
versus Reference Load Current
0
5.0
10
15
20
25
30
35
40
VCC, SUPPLY VOLTAGE (V)
0
5.0
10
15
20
25
30
35
40
IL, REFERENCE LOAD CURRENT (mA)
Turn On
Turn Off
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
6.0
5.5
5.0
4.5
4.0
9.0
10


Similar Part No. - MC34060ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34060AD ONSEMI-MC34060AD Datasheet
209Kb / 16P
Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
More results

Similar Description - MC34060ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
MC34060A ONSEMI-MC34060A Datasheet
209Kb / 16P
Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Renesas Technology Corp
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
VOLTAGE - MODE PWM CONTROLLERS
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
Voltage-Mode PWM Controllers
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
Flexible Double Ended Voltage and Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com