Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6222 Datasheet(PDF) 3 Page - Rohm

Part # BA6222
Description  Reversible Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6222 Datasheet(HTML) 3 Page - Rohm

  BA6222_1 Datasheet HTML 1Page - Rohm BA6222_1 Datasheet HTML 2Page - Rohm BA6222_1 Datasheet HTML 3Page - Rohm BA6222_1 Datasheet HTML 4Page - Rohm BA6222_1 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - BA6222_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6222 ROHM-BA6222 Datasheet
76Kb / 6P
   Reversible motor driver
BA6222 ROHM-BA6222 Datasheet
312Kb / 11P
   Reversible motor drivers (up to 2A series)
BA6222 ROHM-BA6222 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
More results

Similar Description - BA6222_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
   Reversible motor driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
   Reversible Motor Driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
   Reversible motor driver
BA6247 ROHM-BA6247 Datasheet
121Kb / 6P
   Reversible motor driver
logo
Ceramate Technical
CMD6208 CERAMATE-CMD6208 Datasheet
86Kb / 3P
   Reversible Motor Driver
logo
Unisonic Technologies
UA9287 UTC-UA9287_12 Datasheet
146Kb / 4P
   REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com