Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13001 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MJE13001
Description  NPN EPITAXIAL SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13001 Datasheet(HTML) 1 Page - Unisonic Technologies

  MJE13001 Datasheet HTML 1Page - Unisonic Technologies MJE13001 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC MJE13001
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R201-055,A
FEATURES
* Collector-Base Voltage: V(BR)CBO=600V
* Collector Current: IC=0.2A
TO-92
1
1: BASE 2: COLLECTOR 3: EMITTER
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Collector-base voltage
VCBO
600
V
Collector-emitter voltage
VCEO
400
V
Emitter-base voltage
VEBO
7
V
Collector current
Ic
200
mA
Collector power dissipation
Pc
750
mW
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Tc=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
IC=100µA, IE=0
600
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
Ic=1mA, IB=0
400
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=100µA, IC=0
7
V
Collector Cut-off Current
ICBO
VCB=600V, IE=0
100
µA
Collector Cut-off Current
ICEO
VCE=400V, IB=0
200
µA
Emitter Cut-off Current
IEBO
VEB=7V, IC=0
100
µA
hFE(1)
VCE=20V, Ic=20mA
10
70
DC current gain
hFE(2)
VCE=10V, Ic=0.25mA
5
Collector-emitter saturation voltage
VCE(sat)
Ic=50mA, IB=10mA
0.5
V
Base-emitter Saturation Voltage
VBE(sat)
Ic=50mA, IB=10mA
1.2
V
Base-emitter Voltage
VBE
IE=100mA
1.1
V
Transition Frequency
fT
VCE=20V, Ic=20mA, f=1MHz
8
MHz
Fall Time
tF
0.3
µs
Storage Time
tS
Ic=50mA, IB1=-IB2=5mA,
Vcc=45V
1.5
µs


Similar Part No. - MJE13001

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MJE13001 TGS-MJE13001 Datasheet
180Kb / 1P
   TO-92 Plastic-Encapsulate Transistors (NPN)
logo
Unisonic Technologies
MJE13001 UTC-MJE13001 Datasheet
219Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Micro Commercial Compon...
MJE13001 MCC-MJE13001 Datasheet
247Kb / 3P
   NPN Silicon Plastic-Encapsulate Transistor
logo
Tiger Electronic Co.,Lt...
MJE13001 TGS-MJE13001 Datasheet
180Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
logo
Shenzhen SI Semiconduct...
MJE13001 SISEMIC-MJE13001 Datasheet
393Kb / 5P
   NPN MJE SERIES TRANSISTORS
More results

Similar Description - MJE13001

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com