Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD139 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BD139
Description  NPN POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BD139 Datasheet(HTML) 1 Page - Unisonic Technologies

  BD139 Datasheet HTML 1Page - Unisonic Technologies BD139 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC BD139
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R204-007,A
NPN POWER TRANSISTORS
FEATURES
*High current (max.1.5A)
*Low voltage (max.80V)
APPLICATION
*Driver stages in hi-fi amplifiers and television circuits.
TO-126
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
Collector-base voltage
VCBO
Open emitter
-
100
V
Collector-emitter voltage
VCEO
Open base
-
80
V
Emitter-base voltage
VEBO
Open collector
-
5
V
Collector current(DC)
Ic
-
1.5
A
Peak collector current
lcM
-
2
A
Peak base current
lBM
-
1
A
Total power dissipation
Ptot
Tmb≤70°C
-
8
W
Storage Temperature
Tstg
-65
+150
°C
Junction Temperature
Tj
-
+150
°C
Operating ambient temperature
Tamb
-65
+150
°C
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNIT
Thermal resistance from junction to ambient
Rth j-a
Note1
100
K/W
Thermal resistance from junction to mounting base
Rth j-mb
10
K/W
Note 1: Refer to TO-126 standard mounting conditions.


Similar Part No. - BD139

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD139 MOTOROLA-BD139 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
Inchange Semiconductor ...
BD139 ISC-BD139 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
logo
Jiangsu Changjiang Elec...
BD139 JIANGSU-BD139 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BD139 PHILIPS-BD139 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Tiger Electronic Co.,Lt...
BD139 TGS-BD139 Datasheet
59Kb / 1P
   Complementary Silicon Power Ttransistors
More results

Similar Description - BD139

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
   NPN power transistors
1998 May 29
logo
TRANSYS Electronics Lim...
BU508F TEL-BU508F Datasheet
59Kb / 2P
   NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
D42C ETC1-D42C Datasheet
312Kb / 4P
   NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
   NPN power transistors
logo
New Jersey Semi-Conduct...
2N5329 NJSEMI-2N5329 Datasheet
179Kb / 1P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP33F TEL-TIP33F Datasheet
126Kb / 3P
   NPN POWER TRANSISTORS
logo
NXP Semiconductors
BD135 PHILIPS-BD135 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Continental Device Indi...
BU207 CDIL-BU207 Datasheet
249Kb / 4P
   NPN POWER TRANSISTORS
BUF508F CDIL-BUF508F Datasheet
40Kb / 3P
   NPN POWER TRANSISTORS
logo
Suntac Electronic Corp.
STC13003-TO126 SUNTAC-STC13003-TO126 Datasheet
113Kb / 3P
   NPN POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com