Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX00 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # 74LCX00
Description  Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX00 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button 74LCX00_05 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 10Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC14
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - 74LCX00_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00_08 Datasheet
765Kb / 13P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results

Similar Description - 74LCX00_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00_08 Datasheet
765Kb / 13P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00BQX FAIRCHILD-74LCX00BQX Datasheet
501Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
logo
Motorola, Inc
MC74LCX00 MOTOROLA-MC74LCX00 Datasheet
135Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F Datasheet
252Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX132 STMICROELECTRONICS-74LVX132 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX38 FAIRCHILD-74LCX38 Datasheet
124Kb / 7P
   Low Voltage Quad 2-Input NAND Gate (Open Drain) with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX03 STMICROELECTRONICS-74LVX03 Datasheet
119Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
74LVX03 STMICROELECTRONICS-74LVX03_04 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com