Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX00 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74LCX00
Description  Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX00 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74LCX00_05 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 10Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.fairchildsemi.com
8
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
Package Number M14A


Similar Part No. - 74LCX00_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00_08 Datasheet
765Kb / 13P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results

Similar Description - 74LCX00_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00_08 Datasheet
765Kb / 13P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00BQX FAIRCHILD-74LCX00BQX Datasheet
501Kb / 11P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
logo
Motorola, Inc
MC74LCX00 MOTOROLA-MC74LCX00 Datasheet
135Kb / 7P
Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F Datasheet
252Kb / 8P
LOW-VOLTAGE QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX132 STMICROELECTRONICS-74LVX132 Datasheet
227Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX38 FAIRCHILD-74LCX38 Datasheet
124Kb / 7P
Low Voltage Quad 2-Input NAND Gate (Open Drain) with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX03 STMICROELECTRONICS-74LVX03 Datasheet
119Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
74LVX03 STMICROELECTRONICS-74LVX03_04 Datasheet
236Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com