Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX00 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LCX00
Description  Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX00 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LCX00_05 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX00_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 6: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
TA = −40°C to +85°CF, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50pF
CL = 50pF
CL = 30pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.5
5.2
1.5
6.0
1.5
6.2
ns
tPLH
1.5
5.2
1.5
6.0
1.5
6.2
tOSHL
Output to Output Skew (Note 6)
1.0
ns
tOSLH
1.0
Symbol
Parameter
Conditions
VCC
TA = 25°C
Unit
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
−0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
−0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
COUT
Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
25
pF


Similar Part No. - 74LCX00_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00_08 Datasheet
765Kb / 13P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results

Similar Description - 74LCX00_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00_08 Datasheet
765Kb / 13P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00BQX FAIRCHILD-74LCX00BQX Datasheet
501Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
logo
Motorola, Inc
MC74LCX00 MOTOROLA-MC74LCX00 Datasheet
135Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F Datasheet
252Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX132 STMICROELECTRONICS-74LVX132 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX38 FAIRCHILD-74LCX38 Datasheet
124Kb / 7P
   Low Voltage Quad 2-Input NAND Gate (Open Drain) with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX03 STMICROELECTRONICS-74LVX03 Datasheet
119Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
74LVX03 STMICROELECTRONICS-74LVX03_04 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com