Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA-1650-67PW Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # PA-1650-67PW
Description  PD Charger Wall Mount Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

PA-1650-67PW Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  PA-1650-67PW Datasheet HTML 1Page - Lite-On Technology Corporation PA-1650-67PW Datasheet HTML 2Page - Lite-On Technology Corporation PA-1650-67PW Datasheet HTML 3Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PD Charger
Wall Mount Series
Single Output 65W Data Sheet
For the latest revision, please visit power.liteon.com
Description
This specification defines the performance characteristics of single phase, 65 WATT, compatible USB-PD
3.0 and Quick Charge 2.0/3.0, 1 outputs power supply. This specification also defines worldwide safety
and electromagnetic compatibility requirements for the power supply which is intended for use in IA
products.
Features
* Full AC input voltage range design.
* Support for QC2.0,QC3.0 / PD3.0.
* Full Protections: Short-circuit/ Over-voltage/ Over-
current/ Over temperature.
* Less than 100mW low standby power.
* IEC/EN 62368-1 design compliance.
* Up to 5000 meters operating altitude.
* High power density and small size design.
* AC plug is foldable.
Electrical Specification
Model Name
PA-1650-67PW
Output
Rated power
65W
Rated voltage
5V
9V
12V
15V
20V
3.3~21V
Rated current
3A
3A
3A
3A
3.25A
3A
Ripple & Noise(max.) (note #1)
380mV
Line & load regulation
±5%
Hold-up time(min.)
5ms/115Vac
Timing: AC ON delay / rising (max.)
5 sec / 275ms
Input
Rated voltage range
100~240Vac
Operated voltage range
90~264Vac
Current range (max.)
1.7A
Power factor (typ.)
N/A
Inrush current (typ.)
limited to a 29% margin of the I2t rating of fuse and bridge rectifier
Frequency range
50-60Hz


Similar Part No. - PA-1650-67PW

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PA-1650-50 LITEON-PA-1650-50 Datasheet
301Kb / 3P
Laptop Power Adapter
PA-1650-58 LITEON-PA-1650-58 Datasheet
390Kb / 3P
Industrial Adapter Power Delivery 5/9/12/15/20V Series
PA-1650-83 LITEON-PA-1650-83 Datasheet
179Kb / 1P
Class??63W LED Controlgear
PA-1650-90 LITEON-PA-1650-90 Datasheet
317Kb / 3P
Laptop Power Adapter
More results

Similar Description - PA-1650-67PW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCH0038-I ETC2-UCH0038-I Datasheet
553Kb / 1P
Convenient wall socket single unit charger
logo
Tumbler Technologies + ...
TMW7 TRUMPOWER-TMW7 Datasheet
105Kb / 1P
4~7W Medical Wall Mount Adapters with USB Charger
TVW7 TRUMPOWER-TVW7 Datasheet
128Kb / 1P
5~7 Watts Wall Mount Adapters with USB Charger
TMW7 TRUMPOWER-TMW7_16 Datasheet
228Kb / 1P
4~7W Medical Wall Mount Adapters with USB Charger
logo
Ultralife Corporation.
UCH0036 ULTRALIFE-UCH0036 Datasheet
548Kb / 1P
Convenient wall socket single unit charger
Rev A
UCH0038 ULTRALIFE-UCH0038 Datasheet
553Kb / 1P
Convenient wall socket single unit charger
Rev A
logo
Lite-On Technology Corp...
PA-1200-10MV LITEON-PA-1200-10MV Datasheet
263Kb / 3P
PD Charger Wall Mount Series
PA-1300-55HA LITEON-PA-1300-55HA Datasheet
279Kb / 3P
PD Charger Wall Mount Series
PA-2630-67PW LITEON-PA-2630-67PW Datasheet
307Kb / 3P
PD Charger Wall Mount Series
PA-3101-XXXX LITEON-PA-3101-XXXX Datasheet
300Kb / 4P
PD Charger Wall Mount Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com