Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJW21195 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJW21195
Description  16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW21195 Datasheet(HTML) 4 Page - ON Semiconductor

  MJW21195 Datasheet HTML 1Page - ON Semiconductor MJW21195 Datasheet HTML 2Page - ON Semiconductor MJW21195 Datasheet HTML 3Page - ON Semiconductor MJW21195 Datasheet HTML 4Page - ON Semiconductor MJW21195 Datasheet HTML 5Page - ON Semiconductor MJW21195 Datasheet HTML 6Page - ON Semiconductor MJW21195 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MJW21195 (PNP) MJW21196 (NPN)
http://onsemi.com
4
TYPICAL CHARACTERISTICS
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
Figure 7. Typical Output Characteristics
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
Figure 8. Typical Output Characteristics
PNP MJW21195
NPN MJW21196
30
0
25
20
15
10
5.0
0
5.0
10
15
20
25
30
0
25
20
15
5.0
0
5.0
10
15
20
25
10
TJ = 25°C
IB = 0.5 A
1.0 A
1.5 A
2.0 A
TJ = 25°C
IB = 0.5 A
1.0 A
1.5 A
2.0 A
Figure 9. Typical Saturation Voltages
IC, COLLECTOR CURRENT (AMPS)
Figure 10. Typical Saturation Voltages
IC, COLLECTOR CURRENT (AMPS)
Figure 11. Typical Base−Emitter Voltage
IC, COLLECTOR CURRENT (AMPS)
Figure 12. Typical Base−Emitter Voltage
IC, COLLECTOR CURRENT (AMPS)
PNP MJW21195
NPN MJW21196
PNP MJW21195
NPN MJW21196
3.0
2.5
2.0
1.5
1.0
0.5
0
100
10
1.0
0.1
1.4
100
10
1.0
0.1
1.2
1.0
0.8
0.6
0.4
0.2
0
10
100
10
1.0
0.1
1.0
0.1
10
100
10
1.0
0.1
1.0
0.1
TJ = 25°C
IC/IB = 10
VBE(sat)
VCE(sat)
TJ = 25°C
IC/IB = 10
VBE(sat)
VCE(sat)
TJ = 25°C
VCE = 20 V
VCE = 5 V
TJ = 25°C
VCE = 20 V
VCE = 5 V


Similar Part No. - MJW21195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJW21195 ONSEMI-MJW21195 Datasheet
91Kb / 8P
Silicon Power Transistors
March, 2002 ??Rev. 1
MJW21195 ONSEMI-MJW21195 Datasheet
163Kb / 7P
Silicon Power Transistors
March, 2010 ??Rev. 3
logo
Inchange Semiconductor ...
MJW21195 ISC-MJW21195 Datasheet
418Kb / 2P
Silicon PNP Power Transistor
logo
ON Semiconductor
MJW21195 ONSEMI-MJW21195 Datasheet
202Kb / 8P
Silicon Power Transistors
May, 2024 - Rev. 4
MJW21195G ONSEMI-MJW21195G Datasheet
163Kb / 7P
Silicon Power Transistors
March, 2010 ??Rev. 3
More results

Similar Description - MJW21195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15023 ONSEMI-MJ15023_13 Datasheet
105Kb / 4P
Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS 200 ??250 VOLTS, 250 WATTS
August, 2013 ??Rev. 12
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Motorola, Inc
MJ15018 MOTOROLA-MJ15018 Datasheet
135Kb / 4P
4.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
16 ampere complementary silicon power transistors 250 volts 250 watts
logo
ON Semiconductor
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJL3281A ONSEMI-MJL3281A_05 Datasheet
67Kb / 5P
15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
logo
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com