Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJW21195 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJW21195
Description  16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW21195 Datasheet(HTML) 3 Page - ON Semiconductor

  MJW21195 Datasheet HTML 1Page - ON Semiconductor MJW21195 Datasheet HTML 2Page - ON Semiconductor MJW21195 Datasheet HTML 3Page - ON Semiconductor MJW21195 Datasheet HTML 4Page - ON Semiconductor MJW21195 Datasheet HTML 5Page - ON Semiconductor MJW21195 Datasheet HTML 6Page - ON Semiconductor MJW21195 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MJW21195 (PNP) MJW21196 (NPN)
http://onsemi.com
3
TYPICAL CHARACTERISTICS
IC, COLLECTOR CURRENT (AMPS)
Figure 1. Typical Current Gain
Bandwidth Product
Figure 2. Typical Current Gain
Bandwidth Product
PNP MJW21195
NPN MJW21196
IC, COLLECTOR CURRENT (AMPS)
6.5
6.0
5.5
5.0
4.5
4.0
2.5
2.0
1.0
10
0.1
7.5
7.0
6.0
5.0
4.0
3.0
2.0
1.0
10
0.1
1.0
VCE = 10 V
TJ = 25°C
ftest = 1 MHz
VCE = 10 V
TJ = 25°C
ftest = 1 MHz
3.5
3.0
6.5
5.5
4.5
3.5
2.5
1.5
VCE = 5 V
VCE = 5 V
Figure 3. DC Current Gain, VCE = 20 V
Figure 4. DC Current Gain, VCE = 20 V
Figure 5. DC Current Gain, VCE = 5 V
Figure 6. DC Current Gain, VCE = 5 V
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
PNP MJW21195
NPN MJW21196
PNP MJW21195
NPN MJW21196
1000
100
10
100
10
1.0
0.1
1000
10
100
10
1.0
0.1
1000
100
10
100
10
1.0
0.1
1000
10
100
10
1.0
0.1
VCE = 20 V
TJ = 100°C
25°C
−25°C
VCE = 20 V
TJ = 100°C
25°C
−25°C
VCE = 5 V
TJ = 100°C
25°C
−25 °C
VCE = 5 V
TJ = 100°C
25°C
−25 °C
100
100


Similar Part No. - MJW21195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJW21195 ONSEMI-MJW21195 Datasheet
91Kb / 8P
   Silicon Power Transistors
March, 2002 ??Rev. 1
MJW21195 ONSEMI-MJW21195 Datasheet
163Kb / 7P
   Silicon Power Transistors
March, 2010 ??Rev. 3
logo
Inchange Semiconductor ...
MJW21195 ISC-MJW21195 Datasheet
418Kb / 2P
   Silicon PNP Power Transistor
logo
ON Semiconductor
MJW21195 ONSEMI-MJW21195 Datasheet
202Kb / 8P
   Silicon Power Transistors
May, 2024 - Rev. 4
MJW21195G ONSEMI-MJW21195G Datasheet
163Kb / 7P
   Silicon Power Transistors
March, 2010 ??Rev. 3
More results

Similar Description - MJW21195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15023 ONSEMI-MJ15023_13 Datasheet
105Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS 200 ??250 VOLTS, 250 WATTS
August, 2013 ??Rev. 12
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Motorola, Inc
MJ15018 MOTOROLA-MJ15018 Datasheet
135Kb / 4P
   4.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
   16 ampere complementary silicon power transistors 250 volts 250 watts
logo
ON Semiconductor
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJL3281A ONSEMI-MJL3281A_05 Datasheet
67Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
logo
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com