Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJW21195 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJW21195
Description  16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW21195 Datasheet(HTML) 2 Page - ON Semiconductor

  MJW21195 Datasheet HTML 1Page - ON Semiconductor MJW21195 Datasheet HTML 2Page - ON Semiconductor MJW21195 Datasheet HTML 3Page - ON Semiconductor MJW21195 Datasheet HTML 4Page - ON Semiconductor MJW21195 Datasheet HTML 5Page - ON Semiconductor MJW21195 Datasheet HTML 6Page - ON Semiconductor MJW21195 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MJW21195 (PNP) MJW21196 (NPN)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typical
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (IC = 100 mAdc, IB = 0)
VCEO(sus)
250
Vdc
Collector Cutoff Current (VCE = 200 Vdc, IB = 0)
ICEO
100
mAdc
Emitter Cutoff Current (VCE = 5 Vdc, IC = 0)
IEBO
50
mAdc
Collector Cutoff Current (VCE = 250 Vdc, VBE(off) = 1.5 Vdc)
ICEX
50
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
(VCE = 50 Vdc, t = 1 s (non−repetitive)
(VCE = 80 Vdc, t = 1 s (non−repetitive)
IS/b
4.0
2.25
Adc
ON CHARACTERISTICS
DC Current Gain
(IC = 8 Adc, VCE = 5 Vdc)
(IC = 16 Adc, IB = 5 Adc)
hFE
20
8
80
Base−Emitter On Voltage (IC = 8 Adc, VCE = 5 Vdc)
VBE(on)
2.0
Vdc
Collector−Emitter Saturation Voltage
(IC = 8 Adc, IB = 0.8 Adc)
(IC = 16 Adc, IB = 3.2 Adc)
VCE(sat)
1.0
3
Vdc
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion at the Output
VRMS = 28.3 V, f = 1 kHz, PLOAD = 100 WRMS
hFE
unmatched
(Matched pair hFE = 50 @ 5 A/5 V)
hFE
matched
THD
0.8
0.08
%
Current Gain Bandwidth Product
(IC = 1 Adc, VCE = 10 Vdc, ftest = 1 MHz)
fT
4
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1 MHz)
Cob
500
pF


Similar Part No. - MJW21195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJW21195 ONSEMI-MJW21195 Datasheet
91Kb / 8P
   Silicon Power Transistors
March, 2002 ??Rev. 1
MJW21195 ONSEMI-MJW21195 Datasheet
163Kb / 7P
   Silicon Power Transistors
March, 2010 ??Rev. 3
logo
Inchange Semiconductor ...
MJW21195 ISC-MJW21195 Datasheet
418Kb / 2P
   Silicon PNP Power Transistor
logo
ON Semiconductor
MJW21195 ONSEMI-MJW21195 Datasheet
202Kb / 8P
   Silicon Power Transistors
May, 2024 - Rev. 4
MJW21195G ONSEMI-MJW21195G Datasheet
163Kb / 7P
   Silicon Power Transistors
March, 2010 ??Rev. 3
More results

Similar Description - MJW21195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15023 ONSEMI-MJ15023_13 Datasheet
105Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS 200 ??250 VOLTS, 250 WATTS
August, 2013 ??Rev. 12
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Motorola, Inc
MJ15018 MOTOROLA-MJ15018 Datasheet
135Kb / 4P
   4.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
   16 ampere complementary silicon power transistors 250 volts 250 watts
logo
ON Semiconductor
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJL3281A ONSEMI-MJL3281A_05 Datasheet
67Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
logo
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com