Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2030 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA2030
Description  14W Hi-Fi AUDIO AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA2030_98 Datasheet HTML 3Page - STMicroelectronics TDA2030_98 Datasheet HTML 4Page - STMicroelectronics TDA2030_98 Datasheet HTML 5Page - STMicroelectronics TDA2030_98 Datasheet HTML 6Page - STMicroelectronics TDA2030_98 Datasheet HTML 7Page - STMicroelectronics TDA2030_98 Datasheet HTML 8Page - STMicroelectronics TDA2030_98 Datasheet HTML 9Page - STMicroelectronics TDA2030_98 Datasheet HTML 10Page - STMicroelectronics TDA2030_98 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PRACTICAL CONSIDERATIONS
Printed circuit board
The layout shown in Fig. 16 should be adopted by
the designers. If different layouts are used, the
ground points of input 1 and input 2 must be well
decoupled from the ground return of the output in
which a high current flows.
Assembly suggestion
No electrical isolation is needed between the
package and the heatsink with single supply voltage
configuration.
Application suggestions
The recommended values of the components are
those shown on application circuit of fig. 13.
Different values can be used. The following table
can help the designer.
Component
Recomm.
value
Purpose
Larger than
recommended value
Smaller than
recommended value
R1
22 k
Closed loop gain
setting
Increase of gain
Decrease of gain (*)
R2
680
Closed loop gain
setting
Decrease of gain (*)
Increase of gain
R3
22 k
Non inverting input
biasing
Increase of input
impedance
Decrease of input
impedance
R4
1
Frequency stability
Danger of osccilat. at
high frequencies
with induct. loads
R5
≅ 3 R2
Upper frequency
cutoff
Poor high frequencies
attenuation
Danger of
oscillation
C1
1
µF
Input DC
decoupling
Increase of low
frequencies cutoff
C2
22
µF
Inverting DC
decoupling
Increase of low
frequencies cutoff
C3, C4
0.1
µF
Supply voltage
bypass
Danger of
oscillation
C5, C6
100
µF
Supply voltage
bypass
Danger of
oscillation
C7
0.22
µF
Frequency stability
Danger of oscillation
C8
1
2
π B R1
Upper frequency
cutoff
Smaller bandwidth
Larger bandwidth
D1, D2
1N4001
To protect the device against output voltage spikes
(*) Closed loop gain must be higher than 24dB
TDA2030
7/12


Similar Part No. - TDA2030_98

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2030-TA5-T UTC-TDA2030-TA5-T Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
TDA2030-TA5-T UTC-TDA2030-TA5-T Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Hotchip Technology Co.,...
TDA2030-TA5-T HOTCHIP-TDA2030-TA5-T Datasheet
1Mb / 14P
   Very low extermal component required
logo
Unisonic Technologies
TDA2030-TB5-T UTC-TDA2030-TB5-T Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
TDA2030-TB5-T UTC-TDA2030-TB5-T Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results

Similar Description - TDA2030_98

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com