Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5740 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJE5740
Description  NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5740 Datasheet(HTML) 4 Page - ON Semiconductor

  MJE5740_06 Datasheet HTML 1Page - ON Semiconductor MJE5740_06 Datasheet HTML 2Page - ON Semiconductor MJE5740_06 Datasheet HTML 3Page - ON Semiconductor MJE5740_06 Datasheet HTML 4Page - ON Semiconductor MJE5740_06 Datasheet HTML 5Page - ON Semiconductor MJE5740_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJE5740, MJE5742
http://onsemi.com
4
REVERSE BIAS SAFE OPERATING AREA AND INDUCTIVE SWITCHING
RESISTIVE
SWITCHING
OUTPUT WAVEFORMS
NOTE:
PW and VCC Adjusted for Desired IC
RB Adjusted for Desired IB1
PW
DUTY CYCLE ≤ 10%
tr, tf ≤ 10 ns
68
1
k
0.001 mF
0.02 mF
1N493
3
270
+5 V
1
k 2N2905
47
1/2
W
100
−VBE(off)
MJE20
0
T.U.T.
IB
RB
1N493
3
1N493
3
33
33
2N222
2
1
k
MJE21
0
VCC
+5 V
L
IC
MR826
*
Vclamp
*SELECTED FOR ≥ 1 kV
VCE
5.1
k
51
+VCC
RC
SCOPE
−4 V
D
1
RB
TUT
COIL DATA:
FERROXCUBE CORE #6656
FULL BOBBIN (~16 TURNS) #16
GAP FOR 200 mH/20 A
Lcoil = 200 mH
VCC = 30 V
VCE(pk) = 250 Vdc
IC(pk) = 6 A
VCC = 250 V
D1 = 1N5820 OR EQUIV.
IC
VCE
IC(pk)
t1
tf
t
t
t2
TIM-
E
VCE OR
Vclamp
tf
CLAMPED
t1 ADJUSTED TO
OBTAIN IC
t1
Lcoil (ICpk)
VCC
t2
Lcoil (ICpk)
Vclamp
TEST EQUIPMENT
SCOPE−TEKTRONICS
475 OR EQUIVALENT
+10 V
25 ms
0
− 9.2 V
tr, tf < 10 ns
DUTY CYCLE = 1%
RB AND RC ADJUSTED
FOR DESIRED IB AND IC
Table 1. Test Conditions for Dynamic Performance
Figure 5. Inductive Switching Measurements
IC, COLLECTOR CURRENT (AMPS)
1
0.2
0.1
1.4
0.8
1.2
10
5
2
1
0.5
0.2
1.6
1.8
0.6
0.4
hFE = 20
+25 °C
−55 °C
+150°C


Similar Part No. - MJE5740_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5740G ONSEMI-MJE5740G Datasheet
89Kb / 6P
NPN Silicon Power Darlington Transistors
January, 2015 ??Rev. 12
MJE5740 ONSEMI-MJE5740_15 Datasheet
89Kb / 6P
NPN Silicon Power Darlington Transistors
January, 2015 ??Rev. 12
More results

Similar Description - MJE5740_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_06 Datasheet
79Kb / 6P
Plastic Medium?뭁ower Silicon Transistors DARLINGTON NPN SILICON POWER TRANSISTORS 8 AND 10 AMPERES 65 WATTS, 60 ??80 VOLTS
August, 2006 ??Rev. 12
logo
Motorola, Inc
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
logo
ON Semiconductor
MJF44H11 ONSEMI-MJF44H11_06 Datasheet
115Kb / 5P
SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
logo
Motorola, Inc
MJD6036 MOTOROLA-MJD6036 Datasheet
270Kb / 6P
SILICON POWER TRANSISTORS 4 AMPERES 80 VOLTS 20 WATTS
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850_06 Datasheet
104Kb / 8P
8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com