Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ21194G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJ21194G
Description  Silicon Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ21194G Datasheet(HTML) 3 Page - ON Semiconductor

  MJ21194G Datasheet HTML 1Page - ON Semiconductor MJ21194G Datasheet HTML 2Page - ON Semiconductor MJ21194G Datasheet HTML 3Page - ON Semiconductor MJ21194G Datasheet HTML 4Page - ON Semiconductor MJ21194G Datasheet HTML 5Page - ON Semiconductor MJ21194G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJ21193, MJ21194
http://onsemi.com
3
Figure 3. DC Current Gain, VCE = 20 V
Figure 4. DC Current Gain, VCE = 20 V
Figure 5. DC Current Gain, VCE = 5 V
Figure 6. DC Current Gain, VCE = 5 V
IC COLLECTOR CURRENT (AMPS)
IC COLLECTOR CURRENT (AMPS)
IC COLLECTOR CURRENT (AMPS)
IC COLLECTOR CURRENT (AMPS)
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
Figure 7. Typical Output Characteristics
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
Figure 8. Typical Output Characteristics
PNP MJ21193
NPN MJ21194
TYPICAL CHARACTERISTICS
PNP MJ21193
PNP MJ21193
NPN MJ21194
NPN MJ21194
1000
100
10
100
10
1.0
0.1
TJ = 100°C
25°C
−25 °C
VCE = 20 V
1000
100
10
100
10
1.0
0.1
TJ = 100°C
25°C
−25°C
VCE = 20 V
1000
100
10
100
10
1.0
0.1
1000
100
10
100
10
1.0
0.1
TJ = 100°C
25°C
−25°C
VCE = 5 V
TJ = 100°C
25°C
−25°C
VCE = 20 V
30
25
20
15
10
5.0
0
5.0
0
101520
25
35
30
25
20
15
10
0
5.0
0
101520
25
5.0
1.5 A
1 A
0.5 A
IB = 2 A
TJ = 25°C
IB = 2 A
1.5 A
1 A
0.5 A
TJ = 25°C


Similar Part No. - MJ21194G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ21194G ONSEMI-MJ21194G Datasheet
163Kb / 6P
Silicon Power Transistors
April, 2009 ??Rev. 5
MJ21194G ONSEMI-MJ21194G Datasheet
128Kb / 6P
Silicon Power Transistors 16 AMP COMPLEMENTARY SILICON POWER TRANSISTORS
September, 2013 ??Rev. 6
More results

Similar Description - MJ21194G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
Silicon Power Transistors
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Quanzhou Jinmei Electro...
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
Silicon Power Transistors
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
Silicon Power Transistors
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
logo
Quanzhou Jinmei Electro...
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com