Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ21194G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJ21194G
Description  Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ21194G Datasheet(HTML) 5 Page - ON Semiconductor

  MJ21194G Datasheet HTML 1Page - ON Semiconductor MJ21194G Datasheet HTML 2Page - ON Semiconductor MJ21194G Datasheet HTML 3Page - ON Semiconductor MJ21194G Datasheet HTML 4Page - ON Semiconductor MJ21194G Datasheet HTML 5Page - ON Semiconductor MJ21194G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MJ21193, MJ21194
http://onsemi.com
5
Figure 14. MJ21193 Typical Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 15. MJ21194 Typical Capacitance
VR, REVERSE VOLTAGE (VOLTS)
AUDIO PRECISION
MODEL ONE PLUS
TOTAL HARMONIC
DISTORTION
ANALYZER
SOURCE
AMPLIFIER
50 W
0.5 W
0.5 W
8.0 W
−50 V
DUT
DUT
+50 V
Figure 16. Typical Total Harmonic Distortion
Figure 17. Total Harmonic Distortion Test Circuit
FREQUENCY (Hz)
10000
1000
100
100
10
1.0
0.1
10000
1000
100
100
10
1.0
0.1
1.2
1.1
1.0
0.9
0.8
0.7
0.6
100000
10000
1000
100
10
TJ = 25°C
TJ = 25°C
Cib
Cob
Cib
Cob
f(test) = 1 MHz
f(test) = 1 MHz


Similar Part No. - MJ21194G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ21194G ONSEMI-MJ21194G Datasheet
163Kb / 6P
   Silicon Power Transistors
April, 2009 ??Rev. 5
MJ21194G ONSEMI-MJ21194G Datasheet
128Kb / 6P
   Silicon Power Transistors 16 AMP COMPLEMENTARY SILICON POWER TRANSISTORS
September, 2013 ??Rev. 6
More results

Similar Description - MJ21194G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com