Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3453 Datasheet(PDF) 2 Page - Texas Instruments

Part # MC3453
Description  QUAD LINE DRIVERS WITH COMMON ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC3453 Datasheet(HTML) 2 Page - Texas Instruments

  MC3453 Datasheet HTML 1Page - Texas Instruments MC3453 Datasheet HTML 2Page - Texas Instruments MC3453 Datasheet HTML 3Page - Texas Instruments MC3453 Datasheet HTML 4Page - Texas Instruments MC3453 Datasheet HTML 5Page - Texas Instruments MC3453 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC3453, MC3553
QUAD LINE DRIVERS WITH COMMON ENABLE
SLLS119A – FEBRUARY 1986 – REVISED FEBRUARY 1993
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
EN
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
ENABLE
13
14
12
11
4
5
3
2
6
4A
3A
2A
1A
15
10
7
1
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
logic diagram (positive logic)
4A
3A
2A
1A
ENABLE
15
10
7
1
6
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
13
14
12
11
4
5
3
2
schematics of inputs and outputs
VCC +
Input
VCC –
GND
EQUIVALENT OF EACH INPUT
Output
Output
VCC –
TYPICAL OF ALL OUTPUTS
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC+ (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC –
–7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (any input)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range (any output)
– 5 V to 12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: MC3453
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC3553
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds: FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or N package
260
°C
. . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J package
300
°C
. . . . . . . . . . . . . . . . . . . . .
NOTE 1: All voltage values are with respect to network ground terminal.


Similar Part No. - MC3453

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC3450 TI-MC3450 Datasheet
139Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI1-MC3450 Datasheet
152Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
MC3450DR TI1-MC3450DR Datasheet
152Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
MC3450N TI1-MC3450N Datasheet
152Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - MC3453

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Texas Instruments
SN75151 TI-SN75151 Datasheet
650Kb / 11P
QUAD DIFFERENTIAL LINE DRIVERS WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
Quad High Speed Differential Line Drivers
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B_06 Datasheet
122Kb / 13P
Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
National Semiconductor ...
DS26F31MQML NSC-DS26F31MQML Datasheet
652Kb / 11P
Quad High Speed Differential Line Drivers
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
Radiation Hardened Quad Differential Line Drivers
logo
National Semiconductor ...
54LS379 NSC-54LS379 Datasheet
154Kb / 6P
Quad Parallel Register with Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com