Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM324 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM324
Description  Single Supply Quad Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM324 Datasheet(HTML) 4 Page - ON Semiconductor

  LM324_06 Datasheet HTML 1Page - ON Semiconductor LM324_06 Datasheet HTML 2Page - ON Semiconductor LM324_06 Datasheet HTML 3Page - ON Semiconductor LM324_06 Datasheet HTML 4Page - ON Semiconductor LM324_06 Datasheet HTML 5Page - ON Semiconductor LM324_06 Datasheet HTML 6Page - ON Semiconductor LM324_06 Datasheet HTML 7Page - ON Semiconductor LM324_06 Datasheet HTML 8Page - ON Semiconductor LM324_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM324, LM324A, LM224, LM2902, LM2902V, NCV2902
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25°C, unless otherwise noted.)
LM224
LM324A
LM324
LM2902
LM2902V/NCV2902
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage−
High Limit
(TA = Thigh to Tlow)
(Note 8)
VOH
V
VCC = 5.0 V, RL =
2.0 kW, TA = 25°C
3.3
3.5
3.3
3.5
3.3
3.5
3.3
3.5
3.3
3.5
VCC = 30 V
RL = 2.0 kW
26
26
26
22
22
VCC = 30 V
RL = 10 kW
27
28
27
28
27
28
23
24
23
24
Output Voltage −
Low Limit,
VCC = 5.0 V,
RL = 10 kW,
TA = Thigh to Tlow
(Note 8)
VOL
5.0
20
5.0
20
5.0
20
5.0
100
5.0
100
mV
Output Source Current
(VID = +1.0 V,
VCC = 15 V)
IO +
mA
TA = 25°C
20
40
20
40
20
40
20
40
20
40
TA = Thigh to Tlow
(Note 8)
10
20
10
20
10
20
10
20
10
20
Output Sink Current
IO −
mA
(VID = −1.0 V,
VCC = 15 V)
TA = 25°C
10
20
10
20
10
20
10
20
10
20
TA = Thigh to Tlow
(Note 8)
5.0
8.0
5.0
8.0
5.0
8.0
5.0
8.0
5.0
8.0
(VID = −1.0 V,
VO = 200 mV,
TA = 25°C)
12
50
12
50
12
50
mA
Output Short Circuit
to Ground
(Note 9)
ISC
40
60
40
60
40
60
40
60
40
60
mA
Power Supply Current
(TA = Thigh to Tlow)
(Note 8)
ICC
mA
VCC = 30 V
VO = 0 V, RL = ∞
3.0
1.4
3.0
3.0
3.0
3.0
VCC = 5.0 V,
VO = 0 V, RL = ∞
1.2
0.7
1.2
1.2
1.2
1.2
8. LM224: Tlow = −25°C, Thigh = +85°C
LM324/LM324A: Tlow = 0°C, Thigh = +70°C
LM2902: Tlow = −40°C, Thigh = +105°C
LM2902V & NCV2902: Tlow = −40°C, Thigh = +125°C
NCV2902 is qualified for automotive use.
9. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common mode voltage range is VCC −1.7 V, but either or both inputs can go to +32 V without damage, independent of the magnitude
of VCC.


Similar Part No. - LM324_06

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324_08 Datasheet
114Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
2008 - Ver. 1.0
More results

Similar Description - LM324_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com