Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6400 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N6400
Description  Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6400 Datasheet(HTML) 2 Page - ON Semiconductor

  2N6400_04 Datasheet HTML 1Page - ON Semiconductor 2N6400_04 Datasheet HTML 2Page - ON Semiconductor 2N6400_04 Datasheet HTML 3Page - ON Semiconductor 2N6400_04 Datasheet HTML 4Page - ON Semiconductor 2N6400_04 Datasheet HTML 5Page - ON Semiconductor 2N6400_04 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N6400 Series
http://onsemi.com
2
MAXIMUM RATINGS* (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = *40 to 125°C, Sine Wave 50 to 60 Hz; Gate Open)
2N6400
2N6401
2N6402
2N6403
2N6404
2N6405
VDRM,
VRRM
50
100
200
400
600
800
V
On-State Current RMS (180
° Conduction Angles; TC = 100°C)
IT(RMS)
16
A
Average On-State Current (180
° Conduction Angles; TC = 100°C)
IT(AV)
10
A
Peak Non-repetitive Surge Current (1/2 Cycle, Sine Wave 60 Hz, TJ = 90°C)
ITSM
160
A
Circuit Fusing Considerations (t = 8.3 ms)
I2t
145
A2s
Forward Peak Gate Power (Pulse Width
≤ 1.0 ms, TC = 100°C)
PGM
20
W
Forward Average Gate Power (t = 8.3 ms, TC = 100°C)
PG(AV)
0.5
W
Forward Peak Gate Current (Pulse Width
≤ 1.0 ms, TC = 100°C)
IGM
2.0
A
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−40 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate
voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current
source such that the voltage ratings of the devices are exceeded.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.5
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8 in from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
* Peak Repetitive Forward or Reverse Blocking Current
(VAK = Rated VDRM or VRRM, Gate Open)
TJ = 25°C
TJ = 125°C
IDRM,
IRRM
10
2.0
mA
mA
ON CHARACTERISTICS
*Peak Forward On−State Voltage (ITM = 32 A Peak, Pulse Width ≤ 1 ms, Duty Cycle ≤ 2%)
VTM
1.7
V
* Gate Trigger Current (Continuous dc)
TC = 25°C
(VD = 12 Vdc, RL = 100 W)TC = −40°C
IGT
9.0
30
60
mA
* Gate Trigger Voltage (Continuous dc)
(VD = 12 Vdc, RL = 100 W)TC = 25°C
TC = −40°C
VGT
0.7
1.5
2.5
V
Gate Non−Trigger Voltage (VD = 12 Vdc, RL = 100 W), TC = +125°C
VGD
0.2
V
* Holding Current
TC = 25°C
(VD = 12 Vdc, Initiating Current = 200 mA, Gate Open)
*TC = −40°C
IH
18
40
60
mA
Turn-On Time (ITM = 16 A, IGT = 40 mAdc, VD = Rated VDRM)
tgt
1.0
ms
Turn-Off Time (ITM = 16 A, IR = 16 A, VD = Rated VDRM)
TC = 25°C
TJ = +125°C
tq
15
35
ms
DYNAMIC CHARACTERISTICS
Critical Rate−of−Rise of Off-State Voltage (VD = Rated VDRM, Exponential Waveform)
TJ = +125°C
dv/dt
50
V/
ms
*Indicates JEDEC Registered Data.


Similar Part No. - 2N6400_04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6400G ONSEMI-2N6400G Datasheet
114Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors 50 thru 800 VOLTS
November, 2012 ??Rev. 6
2N6400 ONSEMI-2N6400_12 Datasheet
114Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors 50 thru 800 VOLTS
November, 2012 ??Rev. 6
More results

Similar Description - 2N6400_04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6394 ONSEMI-2N6394_06 Datasheet
63Kb / 5P
   Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
August, 2006 ??Rev. 6
2N6402G ONSEMI-2N6402G Datasheet
114Kb / 7P
   SCRs 16 AMPERES RMS 50 thru 800 VOLTS
November, 2012 ??Rev. 6
logo
Motorola, Inc
2N6394 MOTOROLA-2N6394 Datasheet
112Kb / 6P
   SCRs 12 AMPERES RMS 50 thru 800 VOLTS
S2800 MOTOROLA-S2800 Datasheet
76Kb / 4P
   SCRs 10 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504_06 Datasheet
63Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
February, 2006 ??Rev. 7
logo
Motorola, Inc
MCR8 MOTOROLA-MCR8 Datasheet
66Kb / 2P
   SCRs 8 AMPERES RMS 400 thru 800 VOLTS
logo
ON Semiconductor
MCR225-8FP ONSEMI-MCR225-8FP Datasheet
87Kb / 6P
   ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS
August, 2006 ??Rev. 3
logo
Motorola, Inc
C106 MOTOROLA-C106 Datasheet
98Kb / 4P
   SCRs 4 AMPERES RMS 50 thru 600 VOLTS
logo
New Jersey Semi-Conduct...
MCR70 NJSEMI-MCR70 Datasheet
124Kb / 2P
   SCRs 24 and 55 AMPERES RMS 50 thru 400 VOLTS
MCR68 NJSEMI-MCR68 Datasheet
128Kb / 2P
   SCRs 12 and 25 AMPERES RMS 50 thru 400 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com