Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6400 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N6400
Description  Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6400 Datasheet(HTML) 5 Page - ON Semiconductor

  2N6400_04 Datasheet HTML 1Page - ON Semiconductor 2N6400_04 Datasheet HTML 2Page - ON Semiconductor 2N6400_04 Datasheet HTML 3Page - ON Semiconductor 2N6400_04 Datasheet HTML 4Page - ON Semiconductor 2N6400_04 Datasheet HTML 5Page - ON Semiconductor 2N6400_04 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N6400 Series
http://onsemi.com
5
TYPICAL CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
100
10
1
10
1
100
Figure 6. Typical Gate Trigger Current
versus Pulse Width
30
50
20
10
5.0
70
7.0
125
110
80
65
50
35
5
−10
−25
20
TJ, JUNCTION TEMPERATURE (°C)
200
100
50
20
10
5.0
0.2
1.0
0.5
2.0
PULSE WIDTH (ms)
125
110
95
80
50
35
5
−40
0.8
−10
−25
20
TJ, JUNCTION TEMPERATURE (°C)
0.6
0.4
0.2
3.0
100
1.0
TJ = −40°C
25°C
125°C
−40
OFF-STATE VOLTAGE = 12 V
RL = 50 W
2.0
1.0
Figure 7. Typical Gate Trigger Current
versus Junction Temperature
Figure 8. Typical Gate Trigger Voltage
versus Junction Temperature
Figure 9. Typical Holding Current
versus Junction Temperature
95
65
0.9
0.7
0.5
0.3
125
110
95
80
50
35
5
−40
−10
−25
20
65
ORDERING INFORMATION
Device
Package
Shipping
2N6400
TO−220AB
2N6401
TO−220AB
2N6401G
TO−220AB
(Pb−Free)
2N6402
TO−220AB
500 Units / Box
2N6403
TO−220AB
500 Units / Box
2N6404
TO−220AB
2N6405
TO−220AB
2N6405G
TO−220AB
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - 2N6400_04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6400G ONSEMI-2N6400G Datasheet
114Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors 50 thru 800 VOLTS
November, 2012 ??Rev. 6
2N6400 ONSEMI-2N6400_12 Datasheet
114Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors 50 thru 800 VOLTS
November, 2012 ??Rev. 6
More results

Similar Description - 2N6400_04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6394 ONSEMI-2N6394_06 Datasheet
63Kb / 5P
   Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
August, 2006 ??Rev. 6
2N6402G ONSEMI-2N6402G Datasheet
114Kb / 7P
   SCRs 16 AMPERES RMS 50 thru 800 VOLTS
November, 2012 ??Rev. 6
logo
Motorola, Inc
2N6394 MOTOROLA-2N6394 Datasheet
112Kb / 6P
   SCRs 12 AMPERES RMS 50 thru 800 VOLTS
S2800 MOTOROLA-S2800 Datasheet
76Kb / 4P
   SCRs 10 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504_06 Datasheet
63Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
February, 2006 ??Rev. 7
logo
Motorola, Inc
MCR8 MOTOROLA-MCR8 Datasheet
66Kb / 2P
   SCRs 8 AMPERES RMS 400 thru 800 VOLTS
logo
ON Semiconductor
MCR225-8FP ONSEMI-MCR225-8FP Datasheet
87Kb / 6P
   ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS
August, 2006 ??Rev. 3
logo
Motorola, Inc
C106 MOTOROLA-C106 Datasheet
98Kb / 4P
   SCRs 4 AMPERES RMS 50 thru 600 VOLTS
logo
New Jersey Semi-Conduct...
MCR70 NJSEMI-MCR70 Datasheet
124Kb / 2P
   SCRs 24 and 55 AMPERES RMS 50 thru 400 VOLTS
MCR68 NJSEMI-MCR68 Datasheet
128Kb / 2P
   SCRs 12 and 25 AMPERES RMS 50 thru 400 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com