Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC08IE120HV Datasheet(PDF) 4 Page - STMicroelectronics

Part # STC08IE120HV
Description  Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC08IE120HV Datasheet(HTML) 4 Page - STMicroelectronics

  STC08IE120HV Datasheet HTML 1Page - STMicroelectronics STC08IE120HV Datasheet HTML 2Page - STMicroelectronics STC08IE120HV Datasheet HTML 3Page - STMicroelectronics STC08IE120HV Datasheet HTML 4Page - STMicroelectronics STC08IE120HV Datasheet HTML 5Page - STMicroelectronics STC08IE120HV Datasheet HTML 6Page - STMicroelectronics STC08IE120HV Datasheet HTML 7Page - STMicroelectronics STC08IE120HV Datasheet HTML 8Page - STMicroelectronics STC08IE120HV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
STC08IE120HV
4/11
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
ICS(SS)
Collector-source current
(VBS = VGS = 0)
VCE = 1200V
100
µA
IBS(OS)
Base-source current
(IC = 0, VGS = 0)
VBS(OS) = 30V
10
µA
ISB(OS)
Source-base current
(IC = 0, VGS = 0)
VSB(OS) = 17V
100
µA
IGS(OS)
Gate-source leakage
VGS = ± 17V
100
nA
VCS(ON)
Collector-source ON
voltage
VGS = 10V _IC = 8A
IB = 1.6A
VGS = 10V_ IC = 4A
IB = 0.4A
0.8
0.5
1
1.2
V
V
hFE
DC current gain
VGS = 10V_ IC = 8A
VCS = 1V
VGS = 10V_ IC = 4A_ VCS = 1V
5
7
VBS(ON) Base Source ON voltage
VGS = 10V_ IC = 8A IB = 1.6A
VGS = 10V_ IC = 4A_ IB = 0.4A
1.5
1.5
V
V
VGS(th)
Gate threshold voltage
VBS = VGS ______IB = 250µA
23
4V
CISS
Input capacitance
VCS = 25V ______f = 1MHz
VGS = 0
550
pF
QGS(tot)
Gate-source charge
VGS = 10V
26
nC
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
IC = 4A
IB = 0.8A VGS = 10V
VClamp = 960V RG = 47Ω
tp = 4µs
670
15
ns
ns
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
IC = 4A
IB = 0.4A VGS = 10V
VClamp = 960V RG = 47Ω
tp = 4µs
340
10.2
ns
ns
VCSW
Maximum collector-
source voltage switched
without snubber
RG = 47Ω hFE = 5A IC = 8A
1200
V
VCS(dyn)
Collector-source
dynamic voltage
(500ns)
VCC = VClamp = 400V VGS = 10V
RG = 47Ω
IC = 4A IB = 0.8A
IBpeak = 4A
tpeak = 500ns
5.75
V
VCS(dyn)
Collector-source
dynamic voltage
(1 µs)
VCC = VClamp = 400V VGS = 10V
RG = 47Ω
IC = 4A IB = 0.8A
IBpeak = 4A
tpeak = 500ns
3.35
V


Similar Part No. - STC08IE120HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
More results

Similar Description - STC08IE120HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
STC12IE90HV STMICROELECTRONICS-STC12IE90HV Datasheet
242Kb / 11P
Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE90F4 STMICROELECTRONICS-STP12IE90F4 Datasheet
274Kb / 11P
Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE95F4 STMICROELECTRONICS-STP12IE95F4 Datasheet
275Kb / 11P
Emitter Switched Bipolar Transistor ESBT 950 V - 12A - 0.083 ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com