Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC08IE120HV Datasheet(PDF) 1 Page - STMicroelectronics

Part # STC08IE120HV
Description  Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC08IE120HV Datasheet(HTML) 1 Page - STMicroelectronics

  STC08IE120HV Datasheet HTML 1Page - STMicroelectronics STC08IE120HV Datasheet HTML 2Page - STMicroelectronics STC08IE120HV Datasheet HTML 3Page - STMicroelectronics STC08IE120HV Datasheet HTML 4Page - STMicroelectronics STC08IE120HV Datasheet HTML 5Page - STMicroelectronics STC08IE120HV Datasheet HTML 6Page - STMicroelectronics STC08IE120HV Datasheet HTML 7Page - STMicroelectronics STC08IE120HV Datasheet HTML 8Page - STMicroelectronics STC08IE120HV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
January 2007
Rev 3
1/11
11
Order codes
Part Number
Marking
Package
Packaging
STC08IE120HV
C08IE120HV
TO247-4L HV
Tube
STC08IE120HV
Emitter Switched Bipolar Transistor
ESBT® 1200 V - 8 A - 0.10
General features
High voltage / high current Cascode
configuration
Low equivalent on resistance
very fast-switch up to 150 kHz
Squared RBSOA up to 1200V
Very low Ciss driven by RG = 47Ω
Very low turn-off cross over time
Applications
Flyback / forward SMPS
Sepic PFC
Description
The STC08IE120HV is manufactured in Monolith-
ic ESBT Technology, aimed to provide best perfor-
mances in high frequency / high voltage
applications.
It is designed for use in Gate Driven based topolo-
gies.
Internal schematic diagrams
VCS(ON)
IC
RCS(ON)
0.8 V
8 A
0.10
W
TO247-4L HV
1
2
3
4
www.st.com


Similar Part No. - STC08IE120HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
More results

Similar Description - STC08IE120HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
STC12IE90HV STMICROELECTRONICS-STC12IE90HV Datasheet
242Kb / 11P
Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE90F4 STMICROELECTRONICS-STP12IE90F4 Datasheet
274Kb / 11P
Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE95F4 STMICROELECTRONICS-STP12IE95F4 Datasheet
275Kb / 11P
Emitter Switched Bipolar Transistor ESBT 950 V - 12A - 0.083 ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com