Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2012D2RTJT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2RTJT
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2RTJT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA2012D2RTJT Datasheet HTML 10Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 11Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 12Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 13Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 14Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 15Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 16Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 17Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
www.ti.com
Trace Width
EFFICIENCY AND THERMAL INFORMATION
q
JA
+
1
Derating Factor
+
1
0.041
+ 24
°C W
(3)
T
A
Max + TJMax * qJAPDmax + 150 * 24 (1.5) + 114°C
(4)
OPERATION WITH DACs AND CODECs
FILTER FREE OPERATION AND FERRITE BEAD FILTERS
1 nF
Ferrite
Chip Bead
OUTP
OUTN
Ferrite
Chip Bead
1 nF
TPA2012D2
SLOS438C – DECEMBER 2004 – REVISED MARCH 2007
Recommended trace width at the solder balls is 75
µm to 100 µm to prevent solder wicking onto wider PCB
traces.
For high current pins (PVDD, PGND, and audio output pins) of the TPA2012D2, use 100-µm trace widths at the
solder balls and at least 500-
µm PCB traces to ensure proper performance and output power for the device.
For the remaining signals of the TPA2012D2, use 75-
µm to 100-µm trace widths at the solder balls. The audio
input pins (INR+/- and INL+/-) must run side-by-side to maximize common-mode noise cancellation.
The maximum ambient temperature depends on the heat-sinking ability of the PCB system. The derating factor
for the packages are shown in the dissipation rating table. Converting this to
θ
JA for the QFN package:
Given
θ
JA of 24°C/W, the maximum allowable junction temperature of 150°C, and the maximum internal
dissipation of 1.5W (0.75 W per channel) for 2.1 W per channel, 4-
Ω load, 5-V supply, from Figure 25, the
maximum ambient temperature can be calculated with the following equation.
Equation 4 shows that the calculated maximum ambient temperature is 114
°C at maximum power dissipation
with a 5-V supply and 4-
Ω a load. The TPA2012D2 is designed with thermal protection that turns the device off
when the junction temperature surpasses 150
°C to prevent damage to the IC. Also, using speakers more
resistive than 4-
Ω dramatically increases the thermal performance by reducing the output current and increasing
the efficiency of the amplifier.
In using Class-D amplifiers with CODECs and DACs, sometimes there is an increase in the output noise floor
from the audio amplifier. This occurs when mixing of the output frequencies of the CODEC/DAC mix with the
switching frequencies of the audio amplifier input stage. The noise increase can be solved by placing a low-pass
filter between the CODEC/DAC and audio amplifier. This filters off the high frequencies that cause the problem
and allow proper performance. See Figure 33 for the block diagram.
A ferrite bead filter can often be used if the design is failing radiated emissions without an LC filter and the
frequency sensitive circuit is greater than 1 MHz. This filter functions well for circuits that just have to pass FCC
and CE because FCC and CE only test radiated emissions greater than 30 MHz. When choosing a ferrite bead,
choose one with high impedance at high frequencies, and very low impedance at low frequencies. In addition,
select a ferrite bead with adequate current rating to prevent distortion of the output signal.
Use an LC output filter if there are low frequency (< 1 MHz) EMI sensitive circuits and/or there are long leads
from amplifier to speaker.
Figure 37 shows typical ferrite bead and LC output filters.
Figure 37. Typical Ferrite Chip Bead Filter (Chip bead example: TDK: MPZ1608S221A)
14
Submit Documentation Feedback


Similar Part No. - TPA2012D2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2RTJT TI1-TPA2012D2RTJT Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2RTJTG4 TI1-TPA2012D2RTJTG4 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
More results

Similar Description - TPA2012D2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com