Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2012D2RTJT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2RTJT
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2RTJT Datasheet(HTML) 3 Page - Texas Instruments

  TPA2012D2RTJT Datasheet HTML 1Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 2Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 3Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 4Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 5Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 6Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 7Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 8Page - Texas Instruments TPA2012D2RTJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA2012D2
SLOS438C – DECEMBER 2004 – REVISED MARCH 2007
T
A = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Inputs ac grounded, AV = 6 dB,
|VOO|
Output offset voltage (measured differentially)
5
25
mV
VDD = 2.5 to 5.5 V
PSRR
Power supply rejection ratio
VDD = 2.5 to 5.5 V
–75
–55
dB
Vicm
Common-mode input voltage
0.5
VDD–0.8
V
Inputs shorted together,
CMRR
Common-mode rejection ration
–69
–50
dB
VDD = 2.5 to 5.5 V
|IIH|
High-level input current
VDD = 5.5 V, VI = VDD
50
µA
|IIL|
Low-level input current
VDD = 5.5 V, VI = 0 V
5
µA
VDD = 5.5 V, No load or output filter
6
9
VDD = 3.6 V, No load or output filter
5
7.5
mA
IDD
Supply current
VDD = 2.5 V, No load or output filter
4
6
Shutdown mode
1.5
µA
VDD = 5.5 V
500
rDS(on)
Static drain-source on-state resistance
VDD = 3.6 V
570
m
VDD = 2.5 V
700
Output impedance in shutdown mode
V(SDR, SDL)= 0.35 V
2
k
f(sw)
Switching frequency
VDD = 2.5 V to 5.5 V
250
300
350
kHz
G0, G1 = 0.35 V
5.5
6
6.5
G0 = VDD, G1 = 0.35 V
11.5
12
12.5
Closed-loop voltage gain
dB
G0 = 0.35 V, G1 = VDD
17.5
18
18.5
G0, G1 = VDD
23.5
24
24.5
T
A = 25°C, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5.0 V, f = 1 kHz, THD = 10%
1.4
RL = 8 Ω
PO
Output power (per channel)
VDD = 3.6 V, f = 1 kHz, THD = 10%
0.72
W
RL = 4 Ω
VDD = 5.0 V, f = 1 kHz, THD = 10%
2.1
PO = 1 W, VDD = 5 V, AV = 6 dB,
f = 1 kHz
0.14%
THD+N
Total harmonic distortion plus noise
PO = 0.5 W, VDD = 5 V, AV = 6 dB,
f = 1 kHz
0.11%
Channel crosstalk
f = 1 kHz
–85
dB
VDD = 5 V, AV = 6 dB,
f = 217 Hz
–77
kSVR
Supply ripple rejection ratio
dB
VDD = 3.6 V, AV = 6 dB,
f = 217 Hz
–73
CMRR
Common mode rejection ratio
VDD = 3.6 V, VIC = 1 Vpp,
f = 217 Hz
–69
dB
Av = 6 dB
28.1
Av = 12 dB
17.3
Input impedance
k
Av = 18 dB
9.8
Av = 24 dB
5.2
Start-up time from shutdown
VDD = 3.6 V
3.5
ms
No weighting
35
VDD = 3.6 V, f = 20 to 20 kHz,
Vn
Output voltage noise
µV
Inputs are ac grounded, AV = 6 dB
A weighting
27
3
Submit Documentation Feedback


Similar Part No. - TPA2012D2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2RTJT TI1-TPA2012D2RTJT Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2RTJTG4 TI1-TPA2012D2RTJTG4 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
More results

Similar Description - TPA2012D2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com