Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3055 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N3055
Description  Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3055 Datasheet(HTML) 2 Page - ON Semiconductor

  2N3055 Datasheet HTML 1Page - ON Semiconductor 2N3055 Datasheet HTML 2Page - ON Semiconductor 2N3055 Datasheet HTML 3Page - ON Semiconductor 2N3055 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N3055(NPN), MJ2955(PNP)
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.52
_C/W
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS*
Collector−Emitter Sustaining Voltage (Note 1) (IC = 200 mAdc, IB = 0)
VCEO(sus)
60
Vdc
Collector−Emitter Sustaining Voltage (Note 1) (IC = 200 mAdc, RBE = 100 W)
VCER(sus)
70
Vdc
Collector Cutoff Current (VCE = 30 Vdc, IB = 0)
ICEO
0.7
mAdc
Collector Cutoff Current
(VCE = 100 Vdc, VBE(off) = 1.5 Vdc)
(VCE = 100 Vdc, VBE(off) = 1.5 Vdc, TC = 150°C)
ICEX
1.0
5.0
mAdc
Emitter Cutoff Current (VBE = 7.0 Vdc, IC = 0)
IEBO
5.0
mAdc
ON CHARACTERISTICS* (Note 1)
DC Current Gain
(IC = 4.0 Adc, VCE = 4.0 Vdc)
(IC = 10 Adc, VCE = 4.0 Vdc)
hFE
20
5.0
70
Collector−Emitter Saturation Voltage
(IC = 4.0 Adc, IB = 400 mAdc)
(IC = 10 Adc, IB = 3.3 Adc)
VCE(sat)
1.1
3.0
Vdc
Base−Emitter On Voltage (IC = 4.0 Adc, VCE = 4.0 Vdc)
VBE(on)
1.5
Vdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
(VCE = 40 Vdc, t = 1.0 s, Nonrepetitive)
Is/b
2.87
Adc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product (IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
2.5
MHz
*Small−Signal Current Gain (IC = 1.0 Adc, VCE = 4.0 Vdc, f = 1.0 kHz)
hfe
15
120
*Small−Signal Current Gain Cutoff Frequency (VCE = 4.0 Vdc, IC = 1.0 Adc, f = 1.0 kHz)
fhfe
10
kHz
*Indicates Within JEDEC Registration. (2N3055)
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
20
6
Figure 2. Active Region Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
10
6
4
2
1
0.6
0.4
0.2
10
20
40
60
dc
500 ms
1 ms
250 ms
50 ms
BONDING WIRE LIMIT
THERMALLY LIMITED @ TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMIT
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 2 is based on TC = 25°C; TJ(pk) is
variable depending on power level. Second breakdown
pulse limits are valid for duty cycles to 10% but must be
derated for temperature according to Figure 1.


Similar Part No. - 2N3055

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3055 MOSPEC-2N3055 Datasheet
167Kb / 3P
   POWER TRANSISTORS(15A,50V,115W)
logo
Silicon Supplies
2N3055 SS-2N3055 Datasheet
230Kb / 2P
   NPN Transistor Bare Die
Rev 1.0 22/08/23
logo
Unisonic Technologies
2N3055 UTC-2N3055 Datasheet
55Kb / 2P
   SILICON NPN TRANSISTORS
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055 Datasheet
493Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
More results

Similar Description - 2N3055

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com