Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3055 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N3055
Description  Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3055 Datasheet(HTML) 1 Page - ON Semiconductor

  2N3055 Datasheet HTML 1Page - ON Semiconductor 2N3055 Datasheet HTML 2Page - ON Semiconductor 2N3055 Datasheet HTML 3Page - ON Semiconductor 2N3055 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 6
1
Publication Order Number:
2N3055/D
2N3055(NPN), MJ2955(PNP)
Preferred Device
Complementary Silicon
Power Transistors
Complementary silicon power transistors are designed for
general−purpose switching and amplifier applications.
Features
DC Current Gain − hFE = 20−70 @ IC = 4 Adc
Collector−Emitter Saturation Voltage −
VCE(sat) = 1.1 Vdc (Max) @ IC = 4 Adc
Excellent Safe Operating Area
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
60
Vdc
Collector−Emitter Voltage
VCER
70
Vdc
Collector−Base Voltage
VCB
100
Vdc
Emitter−Base Voltage
VEB
7
Vdc
Collector Current − Continuous
IC
15
Adc
Base Current
IB
7
Adc
Total Power Dissipation @ TC = 25°C
Derate Above 25
°C
PD
115
0.657
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 65 to +200
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
160
0
0
25
50
75
100
125
150
175
200
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
140
120
100
80
60
40
20
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
15 AMPERE
POWER TRANSISTORS
COMPLEMENTARY SILICON
60 VOLTS, 115 WATTS
http://onsemi.com
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
2N3055
TO−204AA
100 Units / Tray
MJ2955G
TO−204AA
(Pb−Free)
TO−204AA (TO−3)
CASE 1−07
STYLE 1
100 Units / Tray
2N3055G
TO−204AA
(Pb−Free)
100 Units / Tray
MJ2955
TO−204AA
100 Units / Tray
MARKING DIAGRAM
xxxx55
= Device Code
xxxx = 2N30 or MJ20
G
= Pb−Free Package
A
= Location Code
YY
= Year
WW
= Work Week
MEX
= Country of Orgin
xxxx55G
AYYWW
MEX


Similar Part No. - 2N3055

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3055 MOSPEC-2N3055 Datasheet
167Kb / 3P
   POWER TRANSISTORS(15A,50V,115W)
logo
Silicon Supplies
2N3055 SS-2N3055 Datasheet
230Kb / 2P
   NPN Transistor Bare Die
Rev 1.0 22/08/23
logo
Unisonic Technologies
2N3055 UTC-2N3055 Datasheet
55Kb / 2P
   SILICON NPN TRANSISTORS
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055 Datasheet
493Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
More results

Similar Description - 2N3055

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com